Electronic Components Datasheet Search
  English  ▼

X  

LTC4101 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4101
Description  Smart Battery Charger Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4101 Datasheet(HTML) 4 Page - Linear Technology

  LTC4101 Datasheet HTML 1Page - Linear Technology LTC4101 Datasheet HTML 2Page - Linear Technology LTC4101 Datasheet HTML 3Page - Linear Technology LTC4101 Datasheet HTML 4Page - Linear Technology LTC4101 Datasheet HTML 5Page - Linear Technology LTC4101 Datasheet HTML 6Page - Linear Technology LTC4101 Datasheet HTML 7Page - Linear Technology LTC4101 Datasheet HTML 8Page - Linear Technology LTC4101 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LTC4101
4
4101f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
AC Present Comparator
VACP
DCDIV Threshold
VDCDIV Rising from 1V to 1.4V
●
1.14
1.20
1.26
V
DCDIV Hysteresis
25
mV
DCDIV Input Bias Current
VDCDIV = 1.2V
–1
1
µA
ACP VOH
IACP = –2mA
2
V
ACP VOL
IACP = 1mA
0.5
V
DCDIV to ACP Delay
VDCDIV = 1.3V
10
µs
SafetySignal Decoder
SafetySignal Trip (RES_COLD/RES_OR)
RTHA = 1130Ω ±1%, CTH = 1nF (Note 6)
●
95
100
105
k
Ω
RTHB = 54.9Ω ±1%
SafetySignal Trip (RES_IDEAL/RES_COLD)
RTHA = 1130Ω ±1%, CTH = 1nF (Note 6)
●
28.5
30
31.5
k
Ω
RTHB = 54.9Ω ±1%
SafetySignal Trip (RES_HOT/RES_IDEAL)
RTHA = 1130Ω ±1%, CTH = 1nF (Note 6)
●
2.85
3
3.15
k
Ω
RTHB = 54.9Ω ±1%
SafetySignal Trip (RES_UR/RES_HOT)
RTHA = 1130Ω ±1%, CTH = 1nF (Note 6)
●
425
500
575
Ω
RTHB = 54.9Ω ±1%
Time Between SafetySignal Measurements
DCDIV = 1.3V
32
ms
DCDIV = 1V
250
ms
DACs
Charging Current Resolution
Guaranteed Monotonic Above IMAX/16
10
Bits
Charging Current Granularity
RILIM = 0
1
mA
RILIM = 10k ±1%
2
mA
RILIM = 33k ±1%
4
mA
RILIM = Open (or Short to VDD)4
mA
Wake-Up Charging Current (IWAKE-UP)
All Values of RILIM
80 (Note 5)
mA
All Values of RVLIM
Charging Current Limit
RILIM = 0 (0-1A)
97.3
107.3
mV
CSP – BAT
Charging Current = 0x03FF (0x0400 Note 7)
RILIM = 10k ±1% (0-2A)
97.3
107.3
mV
Charging Current = 0x07FE (0x0800 Note 7)
RILIM = 33k ±1% (0-3A)
72.3
82.3
mV
Charging Current = 0x0BFC (0x0C00 Note 7)
RILIM = 0pen (or Short to VDD) (0-4A)
●
97.3
107.3
mV
Charging Current = 0x0FFC (0x1000 Note 7)
Charging Voltage Resolution
Guaranteed Monotonic (2.9V
≤ VBAT ≤ 5.6V)
11
Bits
Charging Voltage Granularity
16
mV
Charging Voltage Limit
RVLIM = 0
4.206
4.240
4.274
V
Charging Voltage = 0x1090 (Note 7)
RVLIM = 10k ±1%
4.270
4.304
4.338
V
Charging Voltage = 0x10D0 (Note 7)
RVLIM = 33k ±1%
4.397
4.432
4.467
V
Charging Voltage = 0x1150 (Note 7)
RVLIM = 100k ±1%
4.476
4.512
4.548
V
Charging Voltage = 0x11A0 (Note 7)
RVLIM = 0pen (or Short to VDD)
5.460
5.504
5.548
V
Charging Voltage = 0x1580 (Note 7)
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VDCIN = 20V, VDD = 3.3V, VBAT = 4V unless otherwise noted. (Note 4)
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com