Electronic Components Datasheet Search
  English  ▼

X  

LTC4101 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4101
Description  Smart Battery Charger Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4101 Datasheet(HTML) 5 Page - Linear Technology

  LTC4101 Datasheet HTML 1Page - Linear Technology LTC4101 Datasheet HTML 2Page - Linear Technology LTC4101 Datasheet HTML 3Page - Linear Technology LTC4101 Datasheet HTML 4Page - Linear Technology LTC4101 Datasheet HTML 5Page - Linear Technology LTC4101 Datasheet HTML 6Page - Linear Technology LTC4101 Datasheet HTML 7Page - Linear Technology LTC4101 Datasheet HTML 8Page - Linear Technology LTC4101 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LTC4101
5
4101f
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VDCIN = 20V, VDD = 3.3V, VBAT = 4V unless otherwise noted. (Note 4)
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliabilty and lifetime.
Note 2: See Test Circuit.
Note 3: Does not include tolerance of current sense resistor.
Note 4: The LTC4101E is guaranteed to meet performance specifications
from 0
°C to 85°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 5: Current accuracy dependent upon circuit compensation and sense
resistor.
Note 6: CTH is defined as the sum of capacitance on THA, THB and
SafetySignal.
Note 7: The corresponding overrange bit will be set when a HEX value
greater than or equal to this value is used.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Logic Levels
VIL
SCL/SDA Input Low Voltage
VDD = 3V and VDD = 5.5V
●
0.8
V
VIH
SCL/SDA Input High Voltage
VDD = 3V and VDD = 5.5V
●
2.1
V
VOL
SDA Output Low Voltage
IPULL-UP = 350µA
●
0.4
V
IIL
SCL/SDA Input Current
VSDA, VSCL = VIL
–1
1
µA
IIH
SCL/SDA Input Current
VSDA, VSCL = VIH
–1
1
µA
VOL
SMBALERT Output Low Voltage
IPULL-UP = 500µA
●
0.4
V
SMBALERT Output Pull-Up Current
VSMBALERT = VOL
–17.5
–10
–3.5
µA
ILEAK
SDA/SCL/SMBALERT Power Down Leakage
VSDA, VSCL, VSMBALERT = 5.5V, VDD = OV
●
–2
2
µA
VOL
CHGEN Output Low Voltage
IOL = 100µA
●
0.5
V
CHGEN Output Pull-Up Current
VCHGEN = VOL
–17.5
–10
–3.5
µA
VIL
CHGEN Input Low Voltage
●
0.9
V
VIH
CHGEN Input High Voltage
VDD = 3V
●
2.5
V
VDD = 5.5V
3.9
V
Power-On Reset Duration
VDD Ramp from 0V to >3V in <5µs
100
µs
SMBus Timing (Refer to System Management Bus Specification, Revision 1.1, Section 2.1 for Timing Diagrams)
tHIGH
SCL Serial Clock High Period
IPULL-UP = 350µA, CLOAD = 250pF, RPU = 9.31k,
●
4
µs
VDD = 3V and VDD = 5.5V
tLOW
SCL Serial Clock Low Period
IPULL-UP = 350µA, CLOAD = 250pF, RPU = 9.31k,
●
4.7
15000
µs
VDD = 3V and VDD = 5.5V
tR
SDA/SCL Rise Time
CLOAD = 250pF, RPU = 9.31k, VDD = 3V
●
1000
ns
and VDD = 5.5V
tF
SDA/SCL Fall Time
CLOAD = 250pF, RPU = 9.31k, VDD = 3V
●
300
ns
and VDD = 5.5V
tSU:STA
Start Condition Setup Time
VDD = 3V and VDD = 5.5V
●
4.7
µs
tHD:STA
Start Condition Hold Time
VDD = 3V and VDD = 5.5V
●
4
µs
tHD:DAT
SDA to SCL Falling-Edge Hold Time,
VDD = 3V and VDD = 5.5V
●
300
ns
Slave Clocking in Data
tTIMEOUT
Time Between Receiving Valid
VDD = 3V and VDD = 5.5V
●
140
175
210
sec
ChargingCurrent() and
ChargingVoltage() Commands



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com