Electronic Components Datasheet Search
  English  ▼

X  

LTC4101 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC4101
Description  Smart Battery Charger Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4101 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC4101 Datasheet HTML 14Page - Linear Technology LTC4101 Datasheet HTML 15Page - Linear Technology LTC4101 Datasheet HTML 16Page - Linear Technology LTC4101 Datasheet HTML 17Page - Linear Technology LTC4101 Datasheet HTML 18Page - Linear Technology LTC4101 Datasheet HTML 19Page - Linear Technology LTC4101 Datasheet HTML 20Page - Linear Technology LTC4101 Datasheet HTML 21Page - Linear Technology LTC4101 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
LTC4101
18
4101f
The SafetySignal impedance is interpreted according to
Table 4.
Table 4. SafetySignal State Ranges
SafetySignal
CHARGE
RESISTANCE
STATUS BITS
DESCRIPTION
0
Ω to 500Ω
RES_UR,
Underrange
RES_HOT
BATTERY_PRESENT
500
Ω to 3kΩ
RES_HOT
Hot
BATTERY_PRESENT
3k
Ω to 30kΩ
BATTERY_PRESENT
Ideal
30k
Ω to 100kΩ
RES_COLD
Cold
BATTERY_PRESENT
Above 100k
Ω
RES_OR
Overrange
RES_COLD
Note: The underrange detection scheme is a very important feature of the
LTC4101. The RTHA/RSafetySignal divider trip point of 0.333 • VDD (1V) is
well above the 0.047 • VDD (140mV) threshold of a system using a 10k
pull-up. A system using a 10k pull-up would not be able to resolve the
important underrange to hot transition point with a modest 100mV of
ground offset between battery and SafetySignal detection circuitry. Such
offsets are anticipated when charging at normal current levels.
The required values for RTHA and RTHB are shown in
Table 5.
Table 5. SafetySignal External Resistor Values
EXTERNAL RESISTOR
VALUE (
Ω)
RTHA
1130
±1%
RTHB
54.9k
±1%
CSS represents the capacitance between the SafetySignal
and GND. CSS may be added to provide additional noise
immunity from transients in the application. CSS cannot
exceed 1nF if the LTC4101 is to properly sense the value
of RSafetySignal.
OPERATIO
When AC is present, the LTC4101 samples the value of the
SafetySignal and updates the ChargerStatus register ap-
proximately every 32ms. The state machine successively
samples the SafetySignal value starting with the RES_OR
≥ RES_COLD threshold, then RES_C0LD ≥ RES_IDEAL
threshold, RES_IDEAL
≥ RES_HOT threshold, and finally
the RES_HOT
≥ RES_UR threshold. Once the SafetySignal
range is determined, the lower value thresholds are not
sampled. The SafetySignal decoder block uses the previ-
ously determined SafetySignal value to provide the appro-
priate adjustment in threshold to add hysteresis. The RTHB
resistor value is used to measure the RES_OR
≥RES_COLD
and RES_COLD
≥ RES_IDEAL thresholds by connecting
the THB pin to VDD and measuring the voltage resultant on
the THA pin. The RTHA resistor value is used to measure
the RES_IDEAL
≥ RES_HOT and RES_HOT ≥ RES_UR
thresholds by connecting the THA pin to VDD and measur-
ing the voltage resultant on the THB pin.
The SafetySignal decoder block uses a voltage divider
network between VDD and GND to determine SafetySignal
range thresholds. Since the THA and THB inputs are
sequentially connected to VDD, this provides VDD noise
immunity during SafetySignal measurement.
When AC power is not available the SafetySignal block
supports the following low power operating features:
1. The SafetySignal is sampled every 250ms or less,
instead of 32ms.
2. A full SafetySignal status is sampled every 30s or less,
instead of every 32ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com