Electronic Components Datasheet Search
  English  ▼

X  

LTC4101 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC4101
Description  Smart Battery Charger Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4101 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC4101 Datasheet HTML 10Page - Linear Technology LTC4101 Datasheet HTML 11Page - Linear Technology LTC4101 Datasheet HTML 12Page - Linear Technology LTC4101 Datasheet HTML 13Page - Linear Technology LTC4101 Datasheet HTML 14Page - Linear Technology LTC4101 Datasheet HTML 15Page - Linear Technology LTC4101 Datasheet HTML 16Page - Linear Technology LTC4101 Datasheet HTML 17Page - Linear Technology LTC4101 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
LTC4101
14
4101f
OPERATIO
The RES_UR bit is set only when the SafetySignal resis-
tance value is less than 575
Ω.
ALARM_INHIBITED bit is set if a valid AlarmWarning()
message has been received and charging is inhibited as a
result. This bit is cleared if both ChargingVoltage() and
ChargingCurrent() are rewritten to the LTC4101, power is
removed (DCDIV < VACP), or if a battery is removed. The
setting of the ALARM_INHIBITED will activate the LTC4101
SMBALERT pull-down.
POWER_FAIL bit is set if the LTC4101 does not have
sufficient DCIN voltage to charge the battery or if an
external device is pulling the CHGEN input signal low.
Charging is disabled whenever this bit is set. The setting
of this bit does not clear the values in the ChargingVoltage()
and ChargingCurrent() function values, nor does it neces-
sarily affect the charging modes of the LTC4101.
BATTERY_PRESENT is set if a battery is present otherwise
it is cleared. The LTC4101 uses the SafetySignal
in order to determine battery presence. If the LTC4101
detects a RES_OR condition, the BATTERY_PRESENT bit
is cleared immediately. The LTC4101 will not set the
BATTERY_PRESENT bit until it successfully samples the
SafetySignal twice and does not detect a RES_OR condi-
tion on either sampling. If AC is not present (e.g. DCDIV <
VACP), this bit may not be set for up to one-half second
after the battery is connected to the SafetySignal. The
ChargingCurrent() and ChargingVoltage() function values
are immediately cleared whenever this bit is cleared.
Charging will never be allowed if this bit is cleared. A
change in BATTERY_PRESENT will activate the LTC4101
SMBALERT pull-down.
AC_PRESENT is set if the voltage on DCDIV is greater than
VACP. This does not necessarily indicate that the voltage on
DCIN is sufficient to charge the battery. A change in
AC_PRESENT will activate the LTC4101 SMBALERT pull-
down.
ChargingCurrent() ('h14)
Description: The Battery, System Host or other master de-
vicesendsthedesiredchargingcurrent(mA)totheLTC4101.
Purpose: The LTC4101 uses RILIM, the granularity of the
IDAC, and the value of the ChargingCurrent() function to
determine its charging current supplied to the battery. The
charging current will never exceed the maximum current
permitted by RILIM. The ChargingCurrent() value will be
truncated to the granularity of the IDAC. The charging
current will also be reduced if the battery voltage exceeds
the programmed charging voltage.
• SMBus Protocol: Write Word.
Input: The CHARGING_CURRENT is an unsigned 16 bit
integer specifying the requested charging current in mA.
The following table defines the maximum permissible
value of CHARGING_CURRENT that will not set the
CURRENT_OR in the ChargerStatus() function for a given
value of the RILIM:
RILIM
ChargingCurrent()
Current
Short to GND
0x0000 through 0x03FF
0mA through 1023mA
10k
Ω ±1%
0x0000 through 0x07FF
0mA through 2047mA
33k
Ω ±1%
0x0000 through 0x0BFF
0mA through 3071mA
Open (or short to VDD) 0x0000 through 0x0FFF
0mA through 4095mA
ChargingVoltage() ('h15)
Description: The Battery, SMBus Host or other master
device sends the desired charging voltage (mV) to the
LTC4101.
Purpose: The LTC4101 uses RVLIM, the granularity of the
VDAC, and the value of the ChargingVoltage() function to
determine its charging voltage supplied to the battery. The
charging voltage will never be forced beyond the voltage
permitted by RVLIM. The ChargingVoltage() value will be
truncated to the granularity of the VDAC. The charging
voltage will also be reduced if the battery current exceeds
the programmed charging current.
• SMBus Protocol: Write Word.
Input: The CHARGING_VOLTAGE is an unsigned 16-bit
integer specifying the requested charging voltage in mV.
The LTC4101 considers any value from 0x0001 through
0x044F the same as writing 0x0000. The following



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com