Electronic Components Datasheet Search
  English  ▼

X  

LTC4101 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4101
Description  Smart Battery Charger Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4101 Datasheet(HTML) 1 Page - Linear Technology

  LTC4101 Datasheet HTML 1Page - Linear Technology LTC4101 Datasheet HTML 2Page - Linear Technology LTC4101 Datasheet HTML 3Page - Linear Technology LTC4101 Datasheet HTML 4Page - Linear Technology LTC4101 Datasheet HTML 5Page - Linear Technology LTC4101 Datasheet HTML 6Page - Linear Technology LTC4101 Datasheet HTML 7Page - Linear Technology LTC4101 Datasheet HTML 8Page - Linear Technology LTC4101 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LTC4101
1
4101f
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO
■ Single Chip Smart Battery Charger Controller
■ 100% Compliant (Rev. 1.1) SMBus Support Allows
for Operation with or without Host
■ Up to 4A Charging Current Capability
■ High Efficiency Synchronous Buck Charger
■ VBAT Optimized 3V to 5.5V
■ SMBus Accelerator Improves SMBus Timing
■ Hardware Interrupt and SMBAlert Response
Eliminate Interrupt Polling
■ 0.5V Dropout Voltage; Maximum Duty Cycle > 98%
■ AC Adapter Current Limit Maximizes Charge Rate
■
±0.8% Voltage Accuracy; ±4% Current Accuracy
■ 10-Bit DAC for Charge Current Programming
■ 11-Bit DAC for Charger Voltage Programming
■ User-Selectable Overvoltage and Overcurrent Limits
■ High Noise Immunity SafetySignal Sensor
■ Available in a 24-Pin SSOP Package
The LTC
®4101 Smart Battery Charger is a single chip
charging solution that dramatically simplifies construc-
tion of an SBS compliant system. The LTC4101 imple-
ments a Level 2 charger function whereby the charger can
be programmed by the battery or by the host. A SafetySignal
on the battery being charged is monitored for tempera-
ture, connectivity and battery type information. The SMBus
interface remains alive when the AC power adapter is
removed and responds to all SMBus activity directed to
it, including SafetySignal status (via the ChargerStatus
command). The charger also provides an interrupt to the
host whenever a status change is detected (e.g., battery
removal, AC adapter connection).
Charging current and voltage are restricted to chemistry-
specific limits for improved system safety and reliability.
Limits are programmable by two external resistors. Addi-
tionally, the maximum average current from the AC adapter
is programmable to avoid overloading the adapter when
simultaneously supplying load current and charging
current. When supplying system load current, charging
current is automatically reduced to prevent adapter
overload.
■ Portable Instruments and Computers
■
Data Storage Systems and Battery Backup Servers
Figure 1. 1A Smart Battery Charger
17
11
6
10
7
9
8
15
16
13
14
20
5
4
24
23
1
3
2
21
22
18
19
12
3V
TO 5.5V
0.12
µF
0.1
µF
0.068
µF
0.1
µF
0.03
µF
0.0015
µF
6.04k
10k
54.9k
100
Ω
0.05
Ω
5
µF
5
µF
0.1
µF
24
µH
0.1
Ω 1%
SMBCLK
5k
SMBDAT
SMBCLK
SMBDAT
DCIN
9V to 12V, 2A
4101 F01a
CHGEN
SMBALERT#
ACP
SMART BATTERY
SYSTEM LOAD
1.13k
1.21k
6.04k
SafetySignal
VDD
DCDIV
CHGEN
ACP
SMBALERT
SCL
SDA
THB
THA
ILIM
VLIM
IDC
DCIN
INFET
CLP
CLN
TGATE
BGATE
PGND
CSP
BAT
VSET
ITH
GND
LTC4101
VBAT
< 5.5V
> 5.5V
LTC4101
LTC4100
PART
Smart Battery
Charger Controller
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation. All
other trademarks are the property of their respective owners. Protected by U.S. Patents
including 6650174, 5723970.


Similar Part No. - LTC4101

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4101 LINER-LTC4101_15 Datasheet
260Kb / 30P
Smart Battery Charger Controller
More results

Similar Description - LTC4101

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62254FP MITSUBISHI-M62254FP Datasheet
68Kb / 6P
Standard Battery Charger Controller
logo
Linear Technology
LTC1759 LINER-LTC1759 Datasheet
362Kb / 28P
Smart Battery Charger
LTC4100 LINER-LTC4100 Datasheet
251Kb / 24P
Smart Battery Charger Controller
logo
Renesas Technology Corp
M62254FP RENESAS-M62254FP Datasheet
233Kb / 12P
Standard Battery Charger Controller
logo
Linear Technology
LTC4100 LINER-LTC4100_09 Datasheet
252Kb / 30P
Smart Battery Charger Controller
logo
Silicon Standard Corp.
SS6781A SSC-SS6781A Datasheet
844Kb / 18P
Battery Charger Controller
logo
Linear Technology
LTC1759 LINER-LTC1759_15 Datasheet
300Kb / 28P
Smart Battery Charger
LTC4101 LINER-LTC4101_15 Datasheet
260Kb / 30P
Smart Battery Charger Controller
LTC4100 LINER-LTC4100_15 Datasheet
325Kb / 30P
Smart Battery Charger Controller
logo
Texas Instruments
BQ24702 TI1-BQ24702_16 Datasheet
886Kb / 37P
MULTICHEMISTRY BATTERY CHARGER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com