Electronic Components Datasheet Search
  English  ▼

X  

LTC4101 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4101
Description  Smart Battery Charger Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4101 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4101 Datasheet HTML 4Page - Linear Technology LTC4101 Datasheet HTML 5Page - Linear Technology LTC4101 Datasheet HTML 6Page - Linear Technology LTC4101 Datasheet HTML 7Page - Linear Technology LTC4101 Datasheet HTML 8Page - Linear Technology LTC4101 Datasheet HTML 9Page - Linear Technology LTC4101 Datasheet HTML 10Page - Linear Technology LTC4101 Datasheet HTML 11Page - Linear Technology LTC4101 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
LTC4101
8
4101f
THB (Pin 15): SafetySignal Force/Sense Pin to Smart
Battery. See description of operation for more detail. The
maximum allowed combined capacitance on THA, THB
and SafetySignal is 1nF (see Figure 4). A series resistor
54.9k needs to be connected between this pin and the
battery’s SafetySignal for this circuit to work correctly.
THA (Pin 16): SafetySignal Force/Sense Pin to Smart
Battery. See description of operation for more detail. The
maximum allowed combined capacitance on THA, THB
and SafetySignal is 1nF (see Figure 4). A series resistor
1130
Ω needs to be connected between this pin and the
battery’s SafetySignal for this circuit to work correctly.
VDD (Pin 17): Power Supply Input for the LTC4101 Digital
Circuitry. Bypass this pin with 0.1
µF. Typically between
3.3V and 5VDC.
VSET (Pin 18): Tap Point of the Programmable Resistor
Divider, which Provides Battery Voltage Feedback to the
Charger.
PI FU CTIO S
ITH (Pin 19): Control Signal of the Inner Loop of the
Current Mode PWM. Higher ITH corresponds to higher
charging current in normal operation. A 0.0015
µF capaci-
tor to GND filters out PWM ripple. Typical full-scale output
current is 40
µA. Nominal voltage range for this pin is 0V
to 3V.
IDC (Pin 20): Bypass to GND with a 0.068µF Capacitor.
CSP (Pin 21): Current Amplifier CA1 Input. This pin and
the BAT pin measure the voltage across the sense resistor,
RSENSE, to provide the instantaneous current signals re-
quired for both peak and average current mode operation.
BAT (Pin 22): Battery Sense Input and the Negative
Reference for the Current Sense Resistor. A bypass ca-
pacitor of at least 10
µF is required.
CLN (Pin 23): Negative Input to the Input Current Limiting
Circuit Block. If no current limit function is desired, con-
nect this pin to CLP. The threshold is set at 100mV below
the voltage at the CLP pin. When used to limit supply
current, a filter is needed to filter out the switching noise.
CLP (Pin 24): Positive Input to the Input Current Limiting
Circuit Block. This pin also serves as a power supply for
the IC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com