| Electronic Components Datasheet Search |
|
PCI1225 Datasheet(PDF) 39 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
PCI1225 Datasheet(HTML) 39 Page - Texas Instruments |
|
39 / 131 page ![]() PCI1225 GHK/PDV PC CARD CONTROLLERS SCPS035B – MAY 1998 – REVISED – MAY 2000 39 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 using parallel IRQ interrupts (continued) As an example, suppose the six IRQs used by legacy PC Card applications are IRQ3, IRQ4, IRQ5, IRQ10, IRQ11, and IRQ15. The multifunction control register must be programmed to a value of 0x0FBA5432. This value routes the MFUNC0 terminal to INTA signaling and routes the remaining terminals as illustrated in Figure 16. Not shown is that INTA must also be routed to the programmable interrupt controller (PIC), or to some circuitry that provides parallel PCI interrupts to the host. PCI1225 PIC MFUNC1 MFUNC2 MFUNC3 MFUNC4 MFUNC5 MFUNC6 IRQ3 IRQ4 IRQ5 IRQ10 IRQ11 IRQ15 Figure 16. IRQ Implementation Power-on software is responsible for programming the multifunction routing register to reflect the IRQ configuration of a system implementing the PCI1225. The multifunction routing register is shared between the two PCI1225 functions, and only one write to function 0 or 1 is necessary to configure the MFUNC6:0 signals. Writing to only function 0 is recommended. See the multifunction routing register description on page 64 for details on configuring the multifunction terminals. The parallel ISA type IRQ signaling from the MFUNC6:0 terminals is compatible with those input directly into the 8259 PIC. The parallel IRQ option is provided for system designs that require legacy ISA IRQs. Design constraints may demand more MFUNC6:0 IRQ terminals than the PCI1225 makes available. A system designer may choose to implement an IRQSER deserializer companion chip, such as the Texas Instruments PCI950. To use a deserializer, the MFUNC3 terminal must be configured as IRQSER and connected to the deserializer, which outputs all 15 ISA IRQs and four PCI interrupts as decoded from the IRQSER stream. using parallel PCI interrupts Parallel PCI interrupts are available when exclusively in parallel PCI interrupt mode parallel ISA IRQ signaling mode, and when only IRQs are serialized with the IRQSER protocol. Both INTA and INTB can be routed to MFUNC terminals (MFUNC0 and MFUNC1). However, interrupts of both socket functions can be routed to INTA (MFUNC0) if the INTRTIE bit is set in the system control register. The INTRTIE bit effects the read-only value provided through accesses to the interrupt pin register. When INTRTIE bit is set, both functions return a value of 0x01 on reads from the interrupt pin register for both parallel and serial PCI interrupts. The interrupt signalling modes are summarized in Table 15. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |