Electronic Components Datasheet Search
  English  ▼

X  

PCI1225 Datasheet(PDF) 77 Page - Texas Instruments

Part # PCI1225
Description  PC CARD CONTROLLERS
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1225 Datasheet(HTML) 77 Page - Texas Instruments

Back Button PCI1225 Datasheet HTML 73Page - Texas Instruments PCI1225 Datasheet HTML 74Page - Texas Instruments PCI1225 Datasheet HTML 75Page - Texas Instruments PCI1225 Datasheet HTML 76Page - Texas Instruments PCI1225 Datasheet HTML 77Page - Texas Instruments PCI1225 Datasheet HTML 78Page - Texas Instruments PCI1225 Datasheet HTML 79Page - Texas Instruments PCI1225 Datasheet HTML 80Page - Texas Instruments PCI1225 Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 131 page
background image
PCI1225 GHK/PDV
PC CARD CONTROLLERS
SCPS035B – MAY 1998 – REVISED – MAY 2000
77
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
general-purpose event enable register
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
General-purpose event enable
Type
R/W
R/W
R
R
R/W
R
R
R/W
R
R
R
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
General-purpose event enable
Type:
Read-only, read/write (see individual bit descriptions)
Offset:
AAh (function 0)
Default:
0000h
Description: The general-purpose event enable register contains bits that are set to enable a GPE signal.
The GPE signal is driven until the corresponding status bit is cleared and the event is serviced.
The GPE can only be signaled if one of the multifunction terminals, MFUNC6:0, is configured
for GPE signaling. Access this register only through function 0. See Table 36 for a complete
description of the register contents.
Table 36. General-Purpose Event Enable Register
BIT
SIGNAL
TYPE
FUNCTION
15
ZV0_EN
R/W
PC card socket 0 ZV enable. When bit 15 is set, a GPE is signaled on a change in status of
ZVENABLE in the function 0 PC Card controller function of the PCI1225.
14
ZV1_EN
R/W
PC card socket 1 ZV enable. When bit 14 is set, a GPE is signaled on a change in status of
ZVENABLE in the function 1 PC Card controller function of the PCI1225.
13–12
RSVD
R
Reserved. These bits are read-only and return zero when read.
11
PWR_EN
R/W
Power change enable. When bit 11 is set, a GPE is signaled on when software has changed
the power state of either socket.
10–9
RSVD
R
Reserved. These bits are read-only and return zero when read.
8
VPP12_EN
R/W
12-V VPP request enable. When bit 8 is set, a GPE is signaled when software has changed the
requested VPP level to or from 12 V for either card socket.
7–5
RSVD
R
Reserved. These bits are read-only and return zero when read.
4
GP4_EN
R/W
GPI4 enable. When bit 4 is set, a GPE is signaled when there has been a change in status of
the MFUNC5 terminal input level if configured as GPI4.
3
GP3_EN
R/W
GPI3 enable. When bit 3 is set, a GPE is signaled when there has been a change in status of
the MFUNC4 terminal input level if configured as GPI3.
2
GP2_EN
R/W
GPI2 enable. When bit 2 is set, a GPE is signaled when there has been a change in status of
the MFUNC2 terminal input if configured as GPI2.
1
GP1_EN
R/W
GPI1 enable. When bit 1 is set, a GPE is signaled when there has been a change in status of
the MFUNC1 terminal input if configured as GPI1.
0
GP0_EN
R/W
GPI0 enable. When bit 0 is set, a GPE is signaled when there has been a change in status of
the MFUNC0 terminal input if configured as GPI0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com