Electronic Components Datasheet Search
  English  ▼

X  

PCI1225 Datasheet(PDF) 51 Page - Texas Instruments

Part # PCI1225
Description  PC CARD CONTROLLERS
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1225 Datasheet(HTML) 51 Page - Texas Instruments

Back Button PCI1225 Datasheet HTML 47Page - Texas Instruments PCI1225 Datasheet HTML 48Page - Texas Instruments PCI1225 Datasheet HTML 49Page - Texas Instruments PCI1225 Datasheet HTML 50Page - Texas Instruments PCI1225 Datasheet HTML 51Page - Texas Instruments PCI1225 Datasheet HTML 52Page - Texas Instruments PCI1225 Datasheet HTML 53Page - Texas Instruments PCI1225 Datasheet HTML 54Page - Texas Instruments PCI1225 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 131 page
background image
PCI1225 GHK/PDV
PC CARD CONTROLLERS
SCPS035B – MAY 1998 – REVISED – MAY 2000
51
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
latency timer register
Bit
7
6
5
4
3
2
1
0
Name
Latency timer
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
Register:
Latency timer
Type:
Read/write
Offset:
0Dh
Default:
00h
Description: The latency timer register specifies the latency timer for the PCI1225 in units of PCI clock
cycles. When the PCI1225 is a PCI bus initiator and asserts FRAME, the latency timer begins
counting from zero. If the latency timer expires before the PCI1225 transaction has
terminated, the PCI1225 terminates the transaction when its GNT is deasserted. This register
is separate for each of the two PCI1225 functions. This allows platforms to prioritize the two
PCI1225 functions’ use of the PCI bus.
header type register
Bit
7
6
5
4
3
2
1
0
Name
Header type
Type
R
R
R
R
R
R
R
R
Default
1
0
0
0
0
0
1
0
Register:
Header type
Type:
Read-only
Offset:
0Eh (functions 0, 1)
Default:
82h
Description: This read-only register returns 82h when read, indicating that the PCI1225 functions 0 and 1
configuration spaces adhere to the CardBus bridge PCI header. The CardBus bridge PCI
header ranges from PCI register 00h to 7Fh, and 80h–FFh is user-definable extension
registers.
BIST register
Bit
7
6
5
4
3
2
1
0
Name
BIST
Type
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
Register:
BIST
Type:
Read-only
Offset:
0Fh (functions 0, 1)
Default:
00h
Description: Because the PCI1225 does not support a built-in self-test (BIST), this register is read-only and
returns the value of 00h when read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com