Electronic Components Datasheet Search
  English  ▼

X  

PCI1225 Datasheet(PDF) 43 Page - Texas Instruments

Part # PCI1225
Description  PC CARD CONTROLLERS
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1225 Datasheet(HTML) 43 Page - Texas Instruments

Back Button PCI1225 Datasheet HTML 39Page - Texas Instruments PCI1225 Datasheet HTML 40Page - Texas Instruments PCI1225 Datasheet HTML 41Page - Texas Instruments PCI1225 Datasheet HTML 42Page - Texas Instruments PCI1225 Datasheet HTML 43Page - Texas Instruments PCI1225 Datasheet HTML 44Page - Texas Instruments PCI1225 Datasheet HTML 45Page - Texas Instruments PCI1225 Datasheet HTML 46Page - Texas Instruments PCI1225 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 131 page
background image
PCI1225 GHK/PDV
PC CARD CONTROLLERS
SCPS035B – MAY 1998 – REVISED – MAY 2000
43
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
suspend mode (continued)
PRST
GNT
SUSPEND
PCLK
PRSTIN
SUSPENDIN
PCLKIN
External Terminals
Internal Signals
Figure 18. Signal Diagram of Suspend Function
ring indicate
The RI_OUT output is an important feature in power management, allowing a system to go into a suspended
mode and wake up on modem rings and other card events. TI-designed flexibility permits this signal to fit wide
platform requirements. RI_OUT on the PCI1225 can be asserted under any of the following conditions:
D A 16-bit PC Card modem in a powered socket asserts RI to indicate to the system the presence of an
incoming call.
D A powered down CardBus card asserts CSTSCHG (CBWAKE) requesting system and interface wake up.
D A CSC event occurs, such as insertion/removal of cards, battery voltage levels.
CSTSCHG from a powered CardBus card is indicated as a CSC event, not as a CBWAKE event. These two
RI_OUT events are enabled separately. Figure 19 shows various enable bits for the PCI1225 RI_OUT function;
however, it does not show the masking of CSC events. See Table 13 for a detailed description of CSC interrupt
masks and flags.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com