Electronic Components Datasheet Search
  English  ▼

X  

PCI1225 Datasheet(PDF) 27 Page - Texas Instruments

Part # PCI1225
Description  PC CARD CONTROLLERS
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1225 Datasheet(HTML) 27 Page - Texas Instruments

Back Button PCI1225 Datasheet HTML 23Page - Texas Instruments PCI1225 Datasheet HTML 24Page - Texas Instruments PCI1225 Datasheet HTML 25Page - Texas Instruments PCI1225 Datasheet HTML 26Page - Texas Instruments PCI1225 Datasheet HTML 27Page - Texas Instruments PCI1225 Datasheet HTML 28Page - Texas Instruments PCI1225 Datasheet HTML 29Page - Texas Instruments PCI1225 Datasheet HTML 30Page - Texas Instruments PCI1225 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 131 page
background image
PCI1225 GHK/PDV
PC CARD CONTROLLERS
SCPS035B – MAY 1998 – REVISED – MAY 2000
27
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
zoom video support (continued)
Figure 5 illustrates an implementation using standard three-state bus drivers with active-low output enables.
ZVSEL0 is an active-low output indicating that the socket 0 ZV mode is enabled, and ZVSEL1 is an active-low
output indicating that socket 1 ZV is enabled. When both sockets have ZV mode enabled, the PCI1225 defaults
to indicating socket 0 enabled through ZVSEL0; however, the PORTSEL bit in the card control register allows
software to select the socket ZV source priority. Table 6 illustrates the functionality of the ZV output signals.
Table 6. PC Card Card-Detect and Voltage-Sense Connections
INPUTS
OUTPUTS
PORTSEL
SOCKET 0 ENABLE
SOCKET 1 ENABLE
ZVSEL0
ZVSEL1
ZVSTAT
X
0
0
1
1
0
0
1
X
0
1
1
0
0
1
1
0
1
1
X
1
1
0
1
1
1
0
0
1
1
Also shown in Figure 5 is a third ZV source that may be provided from a source such as a high-speed serial bus
like IEEE 1394. The ZVSTAT signal provides a mechanism to switch the third ZV source. ZVSTAT is an
active-high output indicating that one of the PCI1225 sockets is enabled for ZV mode. The implementation
shown in Figure 5 can be used if PC Card ZV is prioritized over other sources.
SPKROUT and CAUDPWM usage
SPKROUT carries the digital audio signal from the PC Card to the system. When a 16-bit PC Card is configured
for I/O mode, the BVD2 terminal becomes SPKR. This terminal is also used in CardBus binary audio
applications, and is referred to as CAUDIO. SPKR passes a TTL level digital audio signal to the PCI1225. The
CardBus CAUDIO signal also can pass a single-amplitude binary waveform. The binary audio signals from the
two PC Card sockets are XORed in the PCI1225 to produce SPKROUT. This output is enabled by the
SPKROUTEN bit in the card control register.
Older controllers support CAUDIO in binary or PWM mode but use the same terminal (SPKROUT). Some audio
chips may not support both modes on one terminal and may have a separate terminal for binary and PWM. The
PCI1225 implementation includes a signal for PWM, CAUDPWM, which can be routed to a MFUNC terminal.
The AUD2MUX bit located in the card control register is programmed on a per-socket-function basis to route
a CardBus CAUDIO PWM terminal to CAUDPWM. If both CardBus functions enable CAUDIO PWM routing to
CAUDPWM, then socket 0 audio takes precedence. See the
multifunction routing register description on page
64 for details on configuring the MFUNC terminals.
Figure 6 provides an illustration of a sample application using SPKROUT and CAUDPWM.
Speaker
Subsystem
BINARY_SPKR
System
Core Logic
PCI1225
CAUDPWM
SPKROUT
PWM_SPKR
Figure 6. Sample Application of SPKROUT and CAUDPWM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com