Electronic Components Datasheet Search
  English  ▼

X  

PCI1225 Datasheet(PDF) 29 Page - Texas Instruments

Part # PCI1225
Description  PC CARD CONTROLLERS
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1225 Datasheet(HTML) 29 Page - Texas Instruments

Back Button PCI1225 Datasheet HTML 25Page - Texas Instruments PCI1225 Datasheet HTML 26Page - Texas Instruments PCI1225 Datasheet HTML 27Page - Texas Instruments PCI1225 Datasheet HTML 28Page - Texas Instruments PCI1225 Datasheet HTML 29Page - Texas Instruments PCI1225 Datasheet HTML 30Page - Texas Instruments PCI1225 Datasheet HTML 31Page - Texas Instruments PCI1225 Datasheet HTML 32Page - Texas Instruments PCI1225 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 131 page
background image
PCI1225 GHK/PDV
PC CARD CONTROLLERS
SCPS035B – MAY 1998 – REVISED – MAY 2000
29
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
16-bit PC Card distributed DMA support (continued)
Table 7. Distributed DMA Registers
TYPE
REGISTER NAME
DMA
BASE ADDRESS
OFFSET
R
Reserved
Page
Current address
00h
W
Reserved
Page
Base address
R
Reserved
Reserved
Current count
04h
W
Reserved
Reserved
Base count
R
N/A
Reserved
N/A
Status
08h
W
Mode
Reserved
Request
Command
R
Multichannel
Reserved
N/A
Reserved
0Ch
W
Mask
Reserved
Master clear
Reserved
The DDMA registers contain control and status information consistent with the 8237 DMA controller; however,
the register locations are reordered and expanded in some cases. While the DDMA register definitions are
identical to those in the 8237 DMA controller of the same name, some register bits defined in the 8237 DMA
controller do not apply to distributed DMA in a PCI environment. In such cases, the PCI1225 implements these
obsolete register bits as read-only, nonfunctional bits. The reserved registers shown in Table 7 are implemented
as read-only and return zeros when read. Write transactions to reserved registers have no effect.
The DDMA transfer is prefaced by several configuration steps that are specific to the PC Card and must be
completed after the PC Card is inserted and interrogated. These steps include setting the proper DREQ signal
assignment, setting the data transfer width, and mapping and enabling the DDMA register set. As discussed
above, this is done through socket DMA register 0 and socket DMA register 1. The DMA register set is then
programmed similarly to an 8237 controller, and the PCI1225 awaits a DREQ assertion from the PC Card
requesting a DMA transfer.
DMA writes transfer data from the PC Card to PCI memory addresses. The PCI1225 accepts data 8 or 16 bits
at a time, depending on the programmed data width, and then requests access to the PCI bus by asserting its
REQ signal. Once the PCI bus is granted in an idle state, the PCI1225 initiates a PCI memory write command
to the current memory address and transfers the data in a single data phase. After terminating the PCI cycle,
the PCI1225 accepts the next byte(s) from the PC Card until the transfer count expires.
DMA reads transfer data from PCI memory addresses to the PC Card application. Upon the assertion of DREQ,
the PCI1225 asserts REQ to acquire the PCI bus. Once the bus is granted in an idle state, the PCI1225 initiates
a PCI memory read operation to the current memory address and accepts 8 or 16 bits of data, depending on
the programmed data width. After terminating the PCI cycle, the data is passed onto the PC Card. After
terminating the PC Card cycle, the PCI1225 requests access to the PCI bus again until the transfer count has
expired.
The PCI1225 target interface acts normally during this procedure and accepts I/O reads and writes to the DDMA
registers. While a DDMA transfer is in progress and the host resets the DMA channel, the PCI1225 asserts TC
and ends the PC Card cycle(s). TC is indicated in the DDMA status register. At the PC Card interface, the
PCI1225 supports demand mode transfers. The PCI1225 asserts DACK during the transfer unless DREQ is
deasserted before TC. TC is mapped to the OE PC Card terminal for DMA write operations and is mapped to
WE PC Card terminal for DMA read operations. The DACK signal is mapped to the PC Card REG signal in all
transfers, and the DREQ terminal is routed to one of three options which is programmed through socket DMA
register 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com