Electronic Components Datasheet Search
  English  ▼

X  

EP1C20F Datasheet(PDF) 90 Page - Altera Corporation

Part # EP1C20F
Description  Cyclone FPGA Family
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C20F Datasheet(HTML) 90 Page - Altera Corporation

Back Button EP1C20F Datasheet HTML 86Page - Altera Corporation EP1C20F Datasheet HTML 87Page - Altera Corporation EP1C20F Datasheet HTML 88Page - Altera Corporation EP1C20F Datasheet HTML 89Page - Altera Corporation EP1C20F Datasheet HTML 90Page - Altera Corporation EP1C20F Datasheet HTML 91Page - Altera Corporation EP1C20F Datasheet HTML 92Page - Altera Corporation EP1C20F Datasheet HTML 93Page - Altera Corporation EP1C20F Datasheet HTML 94Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 106 page
background image
4–20
Altera Corporation
Preliminary
May 2008
Cyclone Device Handbook, Volume 1
Tables 4–38 through 4–39 show the external timing parameters on column
and row pins for EP1C20 devices.
tINHPLL
0.000
—
0.000
—
0.000
—
ns
tOUTCOPL L
0.500
1.663
0.500
1.913
0.500
2.164
ns
Table 4–37. EP1C12 Row Pin Global Clock External I/O Timing Parameters
Symbol
-6 Speed Grade
-7 Speed Grade
-8 Speed Grade
Unit
Min
Max
Min
Max
Min
Max
tINSU
2.620
—
3.012
—
3.404
—
ns
tINH
0.000
—
0.000
—
0.000
—
ns
tOUTCO
2.000
3.671
2.000
4.221
2.000
4.774
ns
tINSUPLL
1.698
—
1.951
—
2.206
—
ns
tINHPLL
0.000
—
0.000
—
0.000
—
ns
tOUTCOPL L
0.500
1.536
0.500
1.767
0.500
1.998
ns
Table 4–38. EP1C20 Column Pin Global Clock External I/O Timing
Parameters
Symbol
-6 Speed Grade
-7 Speed Grade
-8 Speed Grade
Unit
Min
Max
Min
Max
Min
Max
tINSU
2.417
—
2.779
—
3.140
—
ns
tINH
0.000
—
0.000
—
0.000
—
ns
tOUTCO
2.000
3.724
2.000
4.282
2.000
4.843
ns
tINSUPLL
1.417
—
1.629
—
1.840
—
ns
tINHPLL
0.000
—
0.000
—
0.000
—
ns
tOUTCOPL L
0.500
1.667
0.500
1.917
0.500
2.169
ns
Table 4–36. EP1C12 Column Pin Global Clock External I/O Timing
Parameters (Part 2 of 2)
Symbol
-6 Speed Grade
-7 Speed Grade
-8 Speed Grade
Unit
Min
Max
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com