Electronic Components Datasheet Search
  English  ▼

X  

EP1C20F Datasheet(PDF) 35 Page - Altera Corporation

Part # EP1C20F
Description  Cyclone FPGA Family
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C20F Datasheet(HTML) 35 Page - Altera Corporation

Back Button EP1C20F Datasheet HTML 31Page - Altera Corporation EP1C20F Datasheet HTML 32Page - Altera Corporation EP1C20F Datasheet HTML 33Page - Altera Corporation EP1C20F Datasheet HTML 34Page - Altera Corporation EP1C20F Datasheet HTML 35Page - Altera Corporation EP1C20F Datasheet HTML 36Page - Altera Corporation EP1C20F Datasheet HTML 37Page - Altera Corporation EP1C20F Datasheet HTML 38Page - Altera Corporation EP1C20F Datasheet HTML 39Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 106 page
background image
Altera Corporation
2–29
May 2008
Preliminary
Global Clock Network and Phase-Locked Loops
Single-Port Mode
The M4K memory blocks also support single-port mode, used when
simultaneous reads and writes are not required. See Figure 2–21. A single
M4K memory block can support up to two single-port mode RAM blocks
if each RAM block is less than or equal to 2K bits in size.
Figure 2–21. Single-Port Mode
Note (1)
Note to Figure 2–21:
(1)
Violating the setup or hold time on the address registers could corrupt the memory contents. This applies to both
read and write operations.
Global Clock
Network and
Phase-Locked
Loops
Cyclone devices provide a global clock network and up to two PLLs for a
complete clock management solution.
Global Clock Network
There are four dedicated clock pins (
CLK[3..0], two pins on the left side
and two pins on the right side) that drive the global clock network, as
shown in Figure 2–22. PLL outputs, logic array, and dual-purpose clock
(
DPCLK[7..0]) pins can also drive the global clock network.
6
D
ENA
Q
D
ENA
Q
D
ENA
Q
D
ENA
Q
data[ ]
address[ ]
RAM/ROM
256
× 16
512
× 8
1,024
× 4
2,048
× 2
4,096
× 1
Data In
Address
Write Enable
Data Out
outclken
inclken
inclock
outclock
Write
Pulse
Generator
wren
6 LAB Row
Clocks
To MultiTrack
Interconnect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com