Electronic Components Datasheet Search
  English  ▼

X  

HC220 Datasheet(PDF) 47 Page - Altera Corporation

Part # HC220
Description  HardCopy II Device Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC220 Datasheet(HTML) 47 Page - Altera Corporation

Back Button HC220 Datasheet HTML 43Page - Altera Corporation HC220 Datasheet HTML 44Page - Altera Corporation HC220 Datasheet HTML 45Page - Altera Corporation HC220 Datasheet HTML 46Page - Altera Corporation HC220 Datasheet HTML 47Page - Altera Corporation HC220 Datasheet HTML 48Page - Altera Corporation HC220 Datasheet HTML 49Page - Altera Corporation HC220 Datasheet HTML 50Page - Altera Corporation HC220 Datasheet HTML 51Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 228 page
background image
Altera Corporation
4–5
September 2008
I/O Standard Specifications
VOL
Low-level output voltage
IOL = 4 mA (2), (3)
—0.45
V
Notes to Table 4–5:
(1)
HardCopy II devices comply to the narrow range for the supply voltage as specified in the EIA/JEDEC Standard,
JESD8-B.
(2)
Drive strength is programmable according to values in Table 2–10, Table 2–12, and Table 2–14.
(3)
Drive strength varies based on pin location. Refer to the Description, Architecture, and Features chapter in the
HardCopy II Device Family Data Sheet section of volume 1 of the HardCopy Series Handbook for more information.
Table 4–5. LVTTL Specifications (Part 2 of 2)
Symbol
Parameter
Conditions
Minimum
Maximum
Unit
Table 4–6. LVCMOS Specifications
Symbol
Parameter
Conditions
Minimum
Maximum
Unit
VCCIO (1)
Output-supply voltage
—
3.135
3.465
V
VIH
High-level input voltage
—
1.7
4.0
V
VIL
Low-level input voltage
—
-0.3
0.8
V
VOH
High-level output voltage
VCCIO = 3.0, IOH = -0.1 mA (2), (3)
VCCIO – 0.2
—
V
VOL
Low-level output voltage
VCCIO = 3.0, IOL = 0.1 mA (2), (3)
—0.2
V
Notes to Table 4–6:
(1)
HardCopy II devices comply to the narrow range for the supply voltage as specified in the EIA/JEDEC Standard,
JESD8-B.
(2)
Drive strength is programmable according to values in Tables 2–10, 2–12, and 2–14.
(3)
Drive strength varies based on pin location. Refer to the Description, Architecture, and Features chapter in the
HardCopy II Device Family Data Sheet section in volume 1 of the HardCopy Series Handbook for more information.
Table 4–7. 2.5-V I/O Specifications (Part 1 of 2)
Symbol
Parameter
Conditions
Minimum
Maximum
Unit
VCCIO (1)
Output-supply voltage
—
2.375
2.625
V
VIH
High-level input voltage
—
1.7
4.0
V
VIL
Low-level input voltage
—
-0.3
0.7
V
VOH
High-level output voltage
IOH = -1 mA (2), (3)
2.0
—
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com