Electronic Components Datasheet Search
  English  ▼

X  

HC220 Datasheet(PDF) 7 Page - Altera Corporation

Part # HC220
Description  HardCopy II Device Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC220 Datasheet(HTML) 7 Page - Altera Corporation

Back Button HC220 Datasheet HTML 3Page - Altera Corporation HC220 Datasheet HTML 4Page - Altera Corporation HC220 Datasheet HTML 5Page - Altera Corporation HC220 Datasheet HTML 6Page - Altera Corporation HC220 Datasheet HTML 7Page - Altera Corporation HC220 Datasheet HTML 8Page - Altera Corporation HC220 Datasheet HTML 9Page - Altera Corporation HC220 Datasheet HTML 10Page - Altera Corporation HC220 Datasheet HTML 11Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 228 page
background image
Altera Corporation
1–5
September 2008
Preliminary
Document Revision History
HardCopy II devices are available in the packages shown in Table 1–3.
Document
Revision History
Table 1–4 shows the revision history for this chapter.
Table 1–3. HardCopy II Package Options and I/O Pin Counts
Notes (1), (2)
Package
484-Pin
FineLine BGA
(3)
484-Pin
FineLine BGA
(3)
672-Pin
FineLine BGA
780-Pin
FineLine BGA
1,020-Pin
FineLine BGA
1,508-Pin
FineLine BGA
Type
Wire bond
Flip-chip
Flip-chip
Flip-chip
Flip-chip
Flip-chip
Dimension
Pitch (mm)
1.00
1.00
1.00
1.00
1.00
1.00
Area (mm2)
529
529
729
841
1,089
1,600
Length × width
(mm × mm)
23 × 23
23 × 23
27 × 27
29 × 29
33 × 33
40 × 40
Device
Maximum User I/O Pins
HC210W
308
HC210
334
HC220
492
494
HC230
698
HC240
742
951
Notes to Table 1–3:
(1)
The Quartus II I/O pin counts include an additional pin (
PLLENA) which is not available as a general-purpose I/O
pin. The
PLLENA pin can only be used to enable the PLLs.
(2)
The I/O pin counts include the dedicated
CLK input pins, which can be used for clock signals or data inputs.
(3)
The EP2S90 FPGA prototype uses a 484-pin hybrid FineLine BGA package. For more information, refer to the
Stratix II Device Handbook.
Table 1–4. Document Revision History (Part 1 of 2)
Date and Document
Version
Changes Made
Summary of Changes
September 2008,
v2.6
Updated chapter number and metadata.
—
June 2007, v2.5
Minor text edits.
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com