Electronic Components Datasheet Search
  English  ▼

X  

HC220 Datasheet(PDF) 45 Page - Altera Corporation

Part # HC220
Description  HardCopy II Device Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC220 Datasheet(HTML) 45 Page - Altera Corporation

Back Button HC220 Datasheet HTML 41Page - Altera Corporation HC220 Datasheet HTML 42Page - Altera Corporation HC220 Datasheet HTML 43Page - Altera Corporation HC220 Datasheet HTML 44Page - Altera Corporation HC220 Datasheet HTML 45Page - Altera Corporation HC220 Datasheet HTML 46Page - Altera Corporation HC220 Datasheet HTML 47Page - Altera Corporation HC220 Datasheet HTML 48Page - Altera Corporation HC220 Datasheet HTML 49Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 228 page
background image
Altera Corporation
4–3
September 2008
DC Electrical Characteristics
DC Electrical
Characteristics
Table 4–4 shows the HardCopy II device family’s DC electrical
characteristics.
TJ
Operating junction
temperature
For commercial use
0
85
°C
For industrial use
-40
100
°C
Notes to Table 4–3:
(1)
Supply voltage specifications apply to voltage readings taken at the device pins, not at the power supply.
(2)
Maximum VCC rise time is 100 ms, and VCC must rise monotonically.
(3)
VCCPD must ramp-up from 0 V to 3.3 V within 100 µs to 100 ms. If VCCPD is not ramped up within this specified
time, the HardCopy II device will not power up successfully.
(4)
During transitions, the inputs may overshoot to the voltage shown in Table 4–2 based upon the input duty cycle.
The DC case is equivalent to a 100% duty cycle. During transitions, the inputs may undershoot to –2.0 V for input
currents less than 100 mA and periods shorter than 20 ns.
(5)
All pins, including dedicated inputs, clock, I/O, and JTAG pins, may be driven before VCCINT, VCCPD, and VCCIO
are powered.
(6)
VCCIO maximum and minimum conditions for PCI and PCI-X are shown in parentheses.
Table 4–3. HardCopy II Device Recommended Operating Conditions
Note (1) (Part 2 of 2)
Symbol
Parameter
Conditions
Minimum Maximum Unit
Table 4–4. HardCopy II Device DC Operating Conditions
Note (1) (Part 1 of 2)
Symbol
Parameter
Conditions
Device
Minimum Typical
Maximum
Unit
II
Input pin leakage
current
VI = VCCIO max to
0 V (2)
all
-10
—
10
µA
IOZ
Tri-stated I/O pin
leakage current
VO = VCCIO max to
0 V (2)
all
-10
—
10
µA
ICCINT0
VCCINT supply current
(standby)
VI = ground, no
load, no toggling
inputs
TJ = 25° C
HC210W
—
0.09 (3)
(5)
A
HC210
—
0.09 (3)
(5)
A
HC220
—
0.19 (3)
(5)
A
HC230
—
0.34 (3)
(5)
A
HC240
—
0.52 (3)
(5)
A
ICCPD0
VCCPD supply current
(standby)
VI = ground, no
load, no toggling
inputs
TJ = 25° C
VCCPD = 3.3 V
HC210W
—
3 (3)
(5)
mA
HC210
—
3 (3)
(5)
mA
HC220
—
4 (3)
(5)
mA
HC230
—
5 (3)
(5)
mA
HC240
—
5 (3)
(5)
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com