Electronic Components Datasheet Search
  English  ▼

X  

HC220 Datasheet(PDF) 32 Page - Altera Corporation

Part # HC220
Description  HardCopy II Device Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC220 Datasheet(HTML) 32 Page - Altera Corporation

Back Button HC220 Datasheet HTML 28Page - Altera Corporation HC220 Datasheet HTML 29Page - Altera Corporation HC220 Datasheet HTML 30Page - Altera Corporation HC220 Datasheet HTML 31Page - Altera Corporation HC220 Datasheet HTML 32Page - Altera Corporation HC220 Datasheet HTML 33Page - Altera Corporation HC220 Datasheet HTML 34Page - Altera Corporation HC220 Datasheet HTML 35Page - Altera Corporation HC220 Datasheet HTML 36Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 228 page
background image
2–24
Altera Corporation
Preliminary
September 2008
HardCopy Series Handbook, Volume 1
The programmable drive strengths available vary depending on the I/O
standard used. The options are listed in Table 2–12.
Memory interface IOEs support both non-calibrated and calibrated
on-chip series termination. 50- and 25-
Ω on-chip series termination is
available for 3.3-, 2.5-, or 1.8-V I/O standards. 50-
Ω on-chip series
termination is available for 1.5- or 1.2-V I/O standards (pending
characterization).
1
If on-chip series termination is enabled, programmable drive
strength support is not available.
HC240
1,020-pin FineLine BGA
36
18
8
4
1,508-pin FineLine BGA
36
18
8
4
Table 2–11. DQS and DQ Bus Mode Support (Part 2 of 2)
Device
Package
Number of ×4
Groups
Number of ×8/×9
Groups
Number of
×16/×18 Groups
Number of
×32/×36 Groups
Table 2–12. Programmable Drive Strength Support for Memory Interface
IOEs
I/O Standard
Programmable Drive Strength Options (mA)
3.3-V LVTTL
4, 8, 12, 16, 20, 24
3.3-V LVCMOS
4, 8, 12, 16, 20, 24
2.5-V LVTTL/LVCMOS
4, 8, 12, 16
1.8-V LVTTL/LVCMOS
2, 4, 6, 8, 10, 12
1.5-V LVCMOS
2, 4, 6, 8
SSTL-2 class I
8, 12
SSTL-2 class II
16, 20, 24
SSTL-18 class I
4, 6, 8, 10, 12
SSTL-18 class II
8, 16, 18, 20
1.8-V HSTL class I
4, 6, 8, 10, 12
1.8-V HSTL class II
16, 18, 20
1.5-V HSTL class I
4, 6, 8, 10, 12
1.5-V HSTL class II
16, 18, 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com