| Electronic Components Datasheet Search |
|
HC220 Datasheet(PDF) 25 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
HC220 Datasheet(HTML) 25 Page - Altera Corporation |
|
25 / 228 page ![]() Altera Corporation 2–17 September 2008 Preliminary I/O Structure and Features The three types of IOEs are located in different areas of the device and are described in the following sections. HardCopy II devices have eight I/O banks, just as in Stratix II FPGAs. Figures 2–4 through 2–6 show which I/O type each bank supports. LVPECL Differential 3.3/2.5/ 1.8/1.5 (8) (8) (8) Notes to Table 2–9: (1) Pseudo-differential HSTL and SSTL inputs only use the positive-polarity input in the speed path. The negative input is not connected internally. Pseudo-differential HSTL and SSTL outputs use two single-ended outputs with the second output programmed as inverted. This is similar to a Stratix II device implementation. (2) The PCI clamping diode is only supported on the I/O pins on the top and bottom sides of the device. (3) This I/O standard is only supported on the DQS, CLK and PLL_FB input pins or on the PLL_OUT output pins. (4) This I/O standard is only supported on the bottom CLK and PLL_FB input pins or on the bottom PLL_OUT output pins. (5) This I/O standard is only supported on the CLK and PLL_FB input pins or on the PLL_OUT output pins. (6) Also supported on CLK9 and CLK11 pins. (7) This I/O standard is only supported on CLK and PLL_FB input pins. (8) LVPECL input I/O standard is supported on the top and bottom CLK and PLL_FB input pins. LVPECL output I/O standard is supported on the top and bottom PLL_OUT output pins. LVPECL support is similar to Stratix II devices. Table 2–9. HardCopy II Supported I/O Standards (Part 3 of 3) I/O Standard Type VCCIO Level (V) Memory Interface IOEs General Purpose IOEs High-Speed IOEs Input Output |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |