Electronic Components Datasheet Search
  English  ▼

X  

HC220 Datasheet(PDF) 77 Page - Altera Corporation

Part # HC220
Description  HardCopy II Device Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC220 Datasheet(HTML) 77 Page - Altera Corporation

Back Button HC220 Datasheet HTML 73Page - Altera Corporation HC220 Datasheet HTML 74Page - Altera Corporation HC220 Datasheet HTML 75Page - Altera Corporation HC220 Datasheet HTML 76Page - Altera Corporation HC220 Datasheet HTML 77Page - Altera Corporation HC220 Datasheet HTML 78Page - Altera Corporation HC220 Datasheet HTML 79Page - Altera Corporation HC220 Datasheet HTML 80Page - Altera Corporation HC220 Datasheet HTML 81Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 228 page
background image
Altera Corporation
4–35
September 2008
HighSpeed I/O Specifications
HighSpeed I/O
Specifications
Table 4–39 provides high-speed timing specifications definitions.
Differential
SSTL-2 Class I
(3)
OCT 50
Ω
280
—
—
—
—
280
280
MHz
Differential
SSTL-2 Class II
(3)
OCT 25
Ω
280
—
—
—
—
280
280
MHz
Differential
SSTL-18 Class I
(3)
OCT 50
Ω
230
—
—
—
—
230
230
MHz
Differential
SSTL-18 Class II
(3)
OCT 25
Ω
220
—
—
—
—
220
220
MHz
1.8-V Differential
HSTL Class I (3)
OCT 50
Ω
270
—
—
—
—
270
270
MHz
1.8-V Differential
HSTL Class II (3)
OCT 25
Ω
210
—
—
—
—
210
210
MHz
1.5-V Differential
HSTL Class I (3)
OCT 50
Ω
190
—
—
—
—
190
190
MHz
Notes to Table 4–38:
(1)
The toggle rate applies to 0 pF output load for all I/O standards except for LVDS and HyperTransport technology
on row I/O pins. For LVDS and HyperTransport technology on row I/O pins, the toggle rates apply to load from
0 to 5 pF.
(2)
CLK [1, 3, 9, 11] and FPLL_CLK are dedicated input clocks, and excluded from this table.
(3)
Like Stratix II devices, differential HSTL and SSTL is supported only on the column
CLK, PLL_OUT and memory
interface
DQS IOE pins. For HC210 and HC220, only the top column clock pins support differential HSTL and SSTL.
(4)
These numbers are preliminary and pending further silicon characterization.
Table 4–38. HardCopy II Maximum Output Clock Rate for HC210W using OCT
Notes (1), (4) (Part 2 of 2)
I/O Standard
Drive
Strength
Memory
Interface
IOEs
High
Speed
IOEs
General Purpose
IOEs
CLK [0,
2, 8,
10] (2)
CLK
[4..7,
12..15]
PLL_OUT
Unit
Bottom
Column
Right
Row
Table 4–39. HighSpeed Timing Specifications and Definitions (Part 1 of 2)
HighSpeed Timing Specifications
Definitions
tC
Highspeed receiver/transmitter input and output clock period.
fHSCLK
Highspeed receiver/transmitter input and output clock frequency.
J
De-serialization factor (width of parallel data bus).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com