Electronic Components Datasheet Search
  English  ▼

X  

HC220 Datasheet(PDF) 16 Page - Altera Corporation

Part # HC220
Description  HardCopy II Device Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC220 Datasheet(HTML) 16 Page - Altera Corporation

Back Button HC220 Datasheet HTML 12Page - Altera Corporation HC220 Datasheet HTML 13Page - Altera Corporation HC220 Datasheet HTML 14Page - Altera Corporation HC220 Datasheet HTML 15Page - Altera Corporation HC220 Datasheet HTML 16Page - Altera Corporation HC220 Datasheet HTML 17Page - Altera Corporation HC220 Datasheet HTML 18Page - Altera Corporation HC220 Datasheet HTML 19Page - Altera Corporation HC220 Datasheet HTML 20Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 228 page
background image
2–8
Altera Corporation
Preliminary
September 2008
HardCopy Series Handbook, Volume 1
Dynamic mode switching allows the designer to set up each Stratix II
DSP block to dynamically switch between the following three modes:
■
Up to four 18-bit independent multipliers
■
Up to two 8-bit multiplier-accumulators
■
One 36-bit multiplier
Each half of a Stratix II DSP block has separate mode control signals.
Since DSP block functions are implemented in HardCopy II devices using
HCells, HardCopy II devices do not support dynamic mode switching. If
this feature is used, the Quartus II software flags the DSP implementation
and does not allow you to migrate the design. The fitter reports that all
HardCopy II devices are not compatible with the design. To migrate your
Stratix II design to a HardCopy II companion device, disable dynamic
switching in the DSP blocks.
f
For more information on the Stratix II DSP operational modes, refer to
the Stratix II Device Handbook.
Embedded
Memory
HardCopy II memory blocks can implement various types of memory
with or without parity, including true dual-port, simple dual-port, and
single-port RAM, ROM, and FIFO buffers. HardCopy II devices support
the same memory functions and features as Stratix II FPGAs.
Functionally, the memory in both devices are identical. However, the
number of available memory blocks differs based on density (Table 2–3).
Since device functionality is fixed in HardCopy II devices, M4K block
contents cannot be preloaded or initialized with a MIF when they are
configured as RAM. When the M4K blocks are used as ROM, they will
initialize to the design’s ROM contents.
When using the non-registered outputs mode for the HardCopy II M4K
memory block, the outputs power up uninitialized. When using the
registered outputs mode for the HardCopy II M4K memory blocks, the
Table 2–3. HardCopy II Embedded Memory Resources
Feature
HC210W
HC210
HC220
HC230
HC240
M4K RAM blocks (4 Kbits)
190
190
408
614
768
M-RAM blocks (512 Kbits)
0
0
2
6
9
Total RAM bits (bits)
875,520
875,520
3,059,712
6,368,256
8,847,360



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com