Electronic Components Datasheet Search
  English  ▼

X  

HC220 Datasheet(PDF) 101 Page - Altera Corporation

Part # HC220
Description  HardCopy II Device Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC220 Datasheet(HTML) 101 Page - Altera Corporation

Back Button HC220 Datasheet HTML 97Page - Altera Corporation HC220 Datasheet HTML 98Page - Altera Corporation HC220 Datasheet HTML 99Page - Altera Corporation HC220 Datasheet HTML 100Page - Altera Corporation HC220 Datasheet HTML 101Page - Altera Corporation HC220 Datasheet HTML 102Page - Altera Corporation HC220 Datasheet HTML 103Page - Altera Corporation HC220 Datasheet HTML 104Page - Altera Corporation HC220 Datasheet HTML 105Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 228 page
background image
Altera Corporation
5–9
September 2008
HardCopy II Device Resource Guide
The HardCopy II architecture consists of an array of fine-grained HCells,
which are used to build logic equivalent to Stratix II adaptive logic
modules (ALMs) and digital signal processing (DSP) blocks. The DSP
blocks in HardCopy II devices match the functionality of the Stratix II
DSP blocks, though timing of these blocks is different than the FPGA DSP
blocks because they are constructed of HCell Macros. The M4K and
M-RAM memory blocks in HardCopy II devices are equivalent to the
Stratix II memory blocks. Preliminary timing reports of the HardCopy II
device are available in the Quartus II software. Final timing results of the
HardCopy II device are provided by the HardCopy Design Center after
back-end migration is complete.
f
For more information about the HardCopy II device resources, refer to
the Introduction to HardCopy II Devices and the Description, Architecture
and Features chapters in the HardCopy II Device Family Data Sheet in the
HardCopy Series Handbook.
Table 5–1. HardCopy II Device Resource Guide Color Legend
Color
Package Resource (1)
Device Resources
Green
(High)
The design can migrate to the Hardcopy II
package and the design has been fitted with
target device migration enabled in the
HardCopy II Companion Device dialog box.
The resource quantity is within the range of the
HardCopy II device and the design can likely
migrate if all other resources also fit.
You are still required to compile the HardCopy II
revision to make sure the design is able to route
and migrate all other resources.
Orange
(Medium)
The design can migrate to the Hardcopy II
package. However, the design has not been fitted
with target device migration enabled in the
HardCopy II Companion Device dialog box.
The resource quantity is within the range of the
HardCopy II device. However, the resource is at
risk of exceeding the range for the HardCopy II
package.
If your target HardCopy II device falls in this
category, compile your design targeting the
HardCopy II device as soon as possible to check
if the design fits and is able to route and migrate
all other resources. You may need to migrate to a
larger device.
Red
(None)
The design cannot migrate to the Hardcopy II
package.
The resource quantity exceeds the range of the
HardCopy II device. The design cannot migrate
to this HardCopy II device.
Note to Table 5–1:
(1)
The package resource is constrained by the Stratix II FPGA for which the design was compiled. Only vertical
migration devices within the same package are able to migrate to HardCopy II devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com