Electronic Components Datasheet Search
  English  ▼

X  

HC220 Datasheet(PDF) 108 Page - Altera Corporation

Part # HC220
Description  HardCopy II Device Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC220 Datasheet(HTML) 108 Page - Altera Corporation

Back Button HC220 Datasheet HTML 104Page - Altera Corporation HC220 Datasheet HTML 105Page - Altera Corporation HC220 Datasheet HTML 106Page - Altera Corporation HC220 Datasheet HTML 107Page - Altera Corporation HC220 Datasheet HTML 108Page - Altera Corporation HC220 Datasheet HTML 109Page - Altera Corporation HC220 Datasheet HTML 110Page - Altera Corporation HC220 Datasheet HTML 111Page - Altera Corporation HC220 Datasheet HTML 112Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 228 page
background image
5–16
Altera Corporation
September 2008
HardCopy Series Handbook, Volume 1
The
derive_clock_uncertainty command applies inter-clock,
intra-clock, and I/O interface uncertainties. This command automatically
calculates and applies setup and hold clock uncertainties for each
clock-to-clock transfer found in your design.
In order to get I/O interface uncertainty, you must create a virtual clock,
then assign delays to the input/output ports by using the
set_input_delay and set_output_delay commands for that
virtual clock.
1
These uncertainties are applied in addition to those you
specified using the
set_clock_uncertainty command.
However, if a clock uncertainty assignment for a source and
destination pair was already defined, the new one will be
ignored. In this case, you can use either the
-overwrite
command to overwrite the previous clock uncertainty command
or manually remove them by using the
remove_clock_uncertainty command.
The syntax for the derive_clock_uncertainty is as follows:
derive_clock_uncertainty [-h | -help] [-long_help]
[-dtw] [-overwrite]
where the arguments are listed in Table 5–2:
When the
dtw option is used, a PLLJ_PLLSPE_INFO.txt file is generated.
This file lists the name of the PLLs, as well as their jitter and SPE values
in the design. This text file can be used by HCII_DTW_CU_Calculator.
When this option is used, clock uncertainties are not calculated.
f
For more information on the
derive_clock_uncertainty command,
refer to the Quartus II TimeQuest Timing Analyzer chapter in volume 3 of
the Quartus II Handbook.
Table 5–2. Arguments for derive_clock_uncertainty
Option
Description
-h | -help
Short help
-long_help
Long help with examples and possible return values
-dtw
Creates PLLJ_PLLSPE_INFO.txt file
-overwrite
Overwrites previously performed clock uncertainty assignments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com