Electronic Components Datasheet Search
  English  ▼

X  

HC220 Datasheet(PDF) 136 Page - Altera Corporation

Part # HC220
Description  HardCopy II Device Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC220 Datasheet(HTML) 136 Page - Altera Corporation

Back Button HC220 Datasheet HTML 132Page - Altera Corporation HC220 Datasheet HTML 133Page - Altera Corporation HC220 Datasheet HTML 134Page - Altera Corporation HC220 Datasheet HTML 135Page - Altera Corporation HC220 Datasheet HTML 136Page - Altera Corporation HC220 Datasheet HTML 137Page - Altera Corporation HC220 Datasheet HTML 138Page - Altera Corporation HC220 Datasheet HTML 139Page - Altera Corporation HC220 Datasheet HTML 140Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 228 page
background image
6–8
Altera Corporation
September 2008
HardCopy Series Handbook, Volume 1
The design flow of Figure 6–1 begins with a Stratix II FPGA prototype
design and migrates this design to a HardCopy II device target, or begins
with a HardCopy II target and migrates this design to a Stratix II target
for FPGA prototyping. The design flow for both cases is shown in
Figure 6–1.
f
For more information on the HardCopy II design flow and alternative
methods to complete HardCopy II designs using the Quartus II GUI,
refer to the Quartus II Support for HardCopy II Devices chapter in the
Quartus II Handbook or the HardCopy II Design Considerations chapter in
volume 1 of the HardCopy Series Handbook.
The following sections describe each step of the flow shown in Figure 6–1
and explains how each step is completed using the interactive Tcl shell.
Creating a New
Project
Both FPGA and HardCopy design in the Quartus II software revolve
around the use of projects. You must create a project before you begin
working with a new design. A project includes source design files (RTL
and schematics), Quartus II tool settings, and a set of pin locations and
timing constraints. Although a project can contain many different
revisions for a design, each revision can have a unique set of design
constraints, target device settings, and Quartus II software settings. You
must explicitly open a project before you can perform other operations on
the project. You must close the current project to switch to a different
project or revision.
This section details the different operations relating to project
management using Tcl commands.
Creating a Stratix II Prototype Project
To create a new Stratix II prototype project, use the project_new Tcl
command. The syntax for this command is:
tcl> project_new [-family <family>] [-overwrite] \
[-part <part>] [-revision <revision_name>] \
<project_name>
The only required argument for this command is the project name,
<project name>, although the target device family, part code, and revision
name can be specified at this time also. By default, the revision name is
the same as the project name. The device family and part code can be set
later using the set_global_assignment command. For example, to create



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com