Electronic Components Datasheet Search
  English  ▼

X  

HC220 Datasheet(PDF) 184 Page - Altera Corporation

Part # HC220
Description  HardCopy II Device Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC220 Datasheet(HTML) 184 Page - Altera Corporation

Back Button HC220 Datasheet HTML 180Page - Altera Corporation HC220 Datasheet HTML 181Page - Altera Corporation HC220 Datasheet HTML 182Page - Altera Corporation HC220 Datasheet HTML 183Page - Altera Corporation HC220 Datasheet HTML 184Page - Altera Corporation HC220 Datasheet HTML 185Page - Altera Corporation HC220 Datasheet HTML 186Page - Altera Corporation HC220 Datasheet HTML 187Page - Altera Corporation HC220 Datasheet HTML 188Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 228 page
background image
7–20
Altera Corporation
September 2008
HardCopy Series Handbook, Volume 1
Combinational Timing
In combinational timing circuits, a path exists from a primary input port
to a primary output port. This type of circuit does not contain any
registers. Therefore, it does not require a clock for constraint
specification. You only need the maximum and minimum delay from the
primary input port to the primary output port to constrain the path for
timing requirements. Figure 7–13 shows the placement requirement for a
combinational delay arc constraint in a generic circuit.
Figure 7–13. Combinational Timing Constraint
Timing Exceptions
Some circuit structures warrant special consideration. For example, you
can ignore all timing paths between two clock domains when a design
has more than one clock domain and the clock domains are not related.
You can ignore all timing paths using the static timing analysis tool by
specifying false paths for all signals that go from one clock domain to the
other clock domain(s). Additionally, some circuits are not intended to
operate in a single-clock cycle. These circuits require that you specify
multi-cycle clock exceptions.
After capturing the information, the Altera HCDC directly checks all
timing of the HardCopy series device before tape-out occurs. If any
timing violations occur in the HardCopy series device due to overly
aggressive timing constraints, Altera must fix them, or you must waive
them.
input
Data Path
Delay
Combinational Delay Arc
output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com