Electronic Components Datasheet Search
  English  ▼

X  

HC220 Datasheet(PDF) 191 Page - Altera Corporation

Part # HC220
Description  HardCopy II Device Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC220 Datasheet(HTML) 191 Page - Altera Corporation

Back Button HC220 Datasheet HTML 187Page - Altera Corporation HC220 Datasheet HTML 188Page - Altera Corporation HC220 Datasheet HTML 189Page - Altera Corporation HC220 Datasheet HTML 190Page - Altera Corporation HC220 Datasheet HTML 191Page - Altera Corporation HC220 Datasheet HTML 192Page - Altera Corporation HC220 Datasheet HTML 193Page - Altera Corporation HC220 Datasheet HTML 194Page - Altera Corporation HC220 Datasheet HTML 195Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 228 page
background image
Altera Corporation
8–3
September 2008
Preliminary
Stratix II and HardCopy II Migration Options
Beginning with version 5.0 of the Quartus II software, when you compile
a design targeting a HardCopy II device, you will need to select a target
Stratix II device and a HardCopy II companion device for compilation.
Table 8–2 lists the available HardCopy II and Stratix II companion pairs.
These pairs are retained in most resource availability tables in this chapter
to show the maximum resources available that are supported by either
device of the companion pair.
Table 8–1. Stratix II and HardCopy II Migration Options
Note (1)
Device
FineLine BGA Package
484 Pins
672 Pins
780 Pins
1,020 Pins
1,020 Pins
1,508 Pins
HardCopy II
HC210
HC220
HC220
HC230
HC240
HC240
Stratix II
EP2S30
EP2S60
EP2S90(2)
EP2S60
EP2S90
EP2S130
EP2S90
EP2S130
EP2S180
EP2S180
EP2S180
Notes to Table 8–1:
(1)
Table 8–1 does not include the HC210W device. For information on the HC210W device, contact the Altera
Applications Group.
(2)
This is a Hybrid FineLine BGA package. For more details, refer to the Package Information for Stratix II Devices
chapter in volume 2 of the Stratix Device Handbook.
Table 8–2. Stratix II and HardCopy II Companion Devices (Part 1 of 2)
Note (1)
Package
Companion Pair
HardCopy II Device
Stratix II Device
484-pin FineLine BGA
HC210
EP2S30
484-pin FineLine BGA
HC210
EP2S60
484-pin Hybrid FineLine BGA
HC210
EP2S90(2)
672-pin FineLine BGA
HC220
EP2S60
780-pin FineLine BGA
HC220
EP2S90
780-pin FineLine BGA
HC220
EP2S130
1,020-pin FineLine BGA
HC230
EP2S90
1,020-pin FineLine BGA
HC230
EP2S130



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com