Electronic Components Datasheet Search
  English  ▼

X  

LTC2216 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2216
Description  16-Bit, 80Msps/65Msps Low Noise ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2216 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2216 Datasheet HTML 5Page - Linear Technology LTC2216 Datasheet HTML 6Page - Linear Technology LTC2216 Datasheet HTML 7Page - Linear Technology LTC2216 Datasheet HTML 8Page - Linear Technology LTC2216 Datasheet HTML 9Page - Linear Technology LTC2216 Datasheet HTML 10Page - Linear Technology LTC2216 Datasheet HTML 11Page - Linear Technology LTC2216 Datasheet HTML 12Page - Linear Technology LTC2216 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
LTC2216/LTC2215
9
22165f
LTC2216 Integral Nonlinearity (INL)
vs Output Code, Dither “Off“
LTC2216 Integral Nonlinearity (INL)
vs Output Code, Dither “On“
LTC2216 64k Point FFT,
fIN = 15.1MHz, –1dBFS
LTC2216 64k Point FFT,
fIN = 4.9MHz, –1dBFS
LTC2216 64k Point FFT,
fIN = 15.1MHz, –20dBFS,
Dither “Off”
LTC2216 AC Grounded
Input Histogram
TYPICAL PERFORMANCE CHARACTERISTICS
LTC2216 64k Point 2-Tone FFT,
fIN = 14.25MHz and 21.5MHz,
–7dBFS
LTC2216 64k Point FFT,
fIN = 15.1MHz, –20dBFS,
Dither “On”
LTC2216 Differential Nonlinearity
(DNL) vs Output Code
–2.0
–1.5
–1.0
–0.5
0.0
0.5
1.0
1.5
2.0
0
16384
32768
49152
65536
OUTPUT CODE
22165 G01
–2.0
–1.5
–1.0
–0.5
0.0
0.5
1.0
1.5
2.0
0
16384
32768
49152
65536
OUTPUT CODE
22165 G02
–1.0
–0.8
–0.6
–0.4
–0.2
0.0
0.2
0.4
0.6
0.8
1.0
0
16384
32768
49152
65536
OUTPUT CODE
22165 G03
22165 G04
0
2000
4000
6000
8000
10000
12000
14000
OUTPUT CODE
32762
32771
32780
22165 G05
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
010
20
30
40
FREQUENCY (MHz)
22165 G06
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
1020
3040
FREQUENCY (MHz)
22165 G07
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
010
20
30
40
FREQUENCY (MHz)
22165 G08
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
010
20
30
40
FREQUENCY (MHz)
0
010
20
30
40
FREQUENCY (MHz)
22165 G09
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
010
20
30
40
FREQUENCY (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com