Electronic Components Datasheet Search
  English  ▼

X  

LTC2216 Datasheet(PDF) 30 Page - Linear Technology

Part # LTC2216
Description  16-Bit, 80Msps/65Msps Low Noise ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2216 Datasheet(HTML) 30 Page - Linear Technology

Back Button LTC2216 Datasheet HTML 26Page - Linear Technology LTC2216 Datasheet HTML 27Page - Linear Technology LTC2216 Datasheet HTML 28Page - Linear Technology LTC2216 Datasheet HTML 29Page - Linear Technology LTC2216 Datasheet HTML 30Page - Linear Technology LTC2216 Datasheet HTML 31Page - Linear Technology LTC2216 Datasheet HTML 32Page - Linear Technology LTC2216 Datasheet HTML 33Page - Linear Technology LTC2216 Datasheet HTML 34Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
LTC2216/LTC2215
30
22165f
Grounding and Bypassing
TheLTC2216/LTC2215requiresaprintedcircuitboardwitha
clean unbroken ground plane; a multilayer board with an
internal ground plane is recommended. The pinout of the
LTC2216/LTC2215 has been optimized for a flowthrough
layout so that the interaction between inputs and digital
outputs is minimized. Layout for the printed circuit board
should ensure that digital and analog signal lines are
separated as much as possible. In particular, care should
be taken not to run any digital track alongside an analog
signal track or underneath the ADC.
High quality ceramic bypass capacitors should be used
at the VDD, VCM, and OVDD pins. Bypass capacitors must
be located as close to the pins as possible. The traces
connecting the pins and bypass capacitors must be kept
short and should be made as wide as possible.
The LTC2216/LTC2215 differential inputs should run
parallel and close to each other. The input traces should
be as short as possible to minimize capacitance and to
minimize noise pickup.
Heat Transfer
Most of the heat generated by the LTC2216/LTC2215 is
transferred from the die through the bottom-side exposed
pad. For good electrical and thermal performance, the
exposed pad must be soldered to a large grounded pad
on the PC board. It is critical that the exposed pad and all
ground pins are connected to a ground plane of sufficient
area with as many vias as possible.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com