Electronic Components Datasheet Search
  English  ▼

X  

LTC2216 Datasheet(PDF) 27 Page - Linear Technology

Part # LTC2216
Description  16-Bit, 80Msps/65Msps Low Noise ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2216 Datasheet(HTML) 27 Page - Linear Technology

Back Button LTC2216 Datasheet HTML 23Page - Linear Technology LTC2216 Datasheet HTML 24Page - Linear Technology LTC2216 Datasheet HTML 25Page - Linear Technology LTC2216 Datasheet HTML 26Page - Linear Technology LTC2216 Datasheet HTML 27Page - Linear Technology LTC2216 Datasheet HTML 28Page - Linear Technology LTC2216 Datasheet HTML 29Page - Linear Technology LTC2216 Datasheet HTML 30Page - Linear Technology LTC2216 Datasheet HTML 31Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
LTC2216/LTC2215
27
22165f
resistor, even if the signal is not used (such as OF+/OF– or
CLKOUT+/CLKOUT–). To minimize noise the PC board
traces for each LVDS output pair should be routed close
together. To minimize clock skew all LVDS PC board traces
should have about the same length.
In Low Power LVDS Mode 1.75mA is steered between
the differential outputs, resulting in ±175mV at the LVDS
receiver’s 100
Ω termination resistor. The output com-
mon mode voltage is 1.20V, the same as standard LVDS
Mode.
Data Format
The LTC2216/LTC2215 parallel digital output can be
selected for offset binary or 2’s complement format. The
format is selected with the MODE pin. This pin has a four
level logic input, centered at 0, 1/3VDD, 2/3VDD and VDD.
An external resistor divider can be user to set the 1/3VDD
and 2/3VDD logic levels. Table 2 shows the logic states
for the MODE pin.
Table 2. MODE Pin Function
MODE
OUTPUT FORMAT
CLOCK DUTY
CYCLE STABILIZER
0V(GND)
Offset Binary
Off
1/3VDD
Offset Binary
On
2/3VDD
2’s Complement
On
VDD
2’s Complement
Off
22165 F12
OVDD
VDD
VDD
0.1μF
TYPICAL
DATA
OUTPUT
OGND
OVDD
0.5V
TO 3.6V
PREDRIVER
LOGIC
DATA
FROM
LATCH
43Ω
LTC2216/LTC2215
Figure 12. Equivalent Circuit for a Digital Output Buffer
ALVCH16373 CMOS latch. For full speed operation the
capacitive load should be kept under 10pF. A resistor in
series with the output may be used, but is not required
since the ADC has a series resistor of 43
Ω on-chip.
Lower OVDD voltages will also help reduce interference
from the digital outputs.
Digital Output Buffers (LVDS Modes)
Figure 13 shows an equivalent circuit for an LVDS output
pair. A 3.5mA current is steered from OUT+ to OUT– or
vice versa, which creates a ±350mV differential voltage
across the 100
Ω termination resistor at the LVDS receiver.
A feedback loop regulates the common mode output volt-
age to 1.20V. For proper operation each LVDS output pair
must be terminated with an external 100
Ω termination
22165 F13
3.5mA
1.20V
LVDS
RECEIVER
OGND
10k
10k
VDD
VDD
0.1μF
OVDD
3.3V
PREDRIVER
LOGIC
DATA
FROM
LATCH
+
–
OVDD
OVDD
43Ω
43Ω
100Ω
LTC2216/LTC2215
Figure 13. Equivalent Output Buffer in LVDS Mode
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com