Electronic Components Datasheet Search
  English  ▼

X  

LTC2216 Datasheet(PDF) 26 Page - Linear Technology

Part # LTC2216
Description  16-Bit, 80Msps/65Msps Low Noise ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2216 Datasheet(HTML) 26 Page - Linear Technology

Back Button LTC2216 Datasheet HTML 22Page - Linear Technology LTC2216 Datasheet HTML 23Page - Linear Technology LTC2216 Datasheet HTML 24Page - Linear Technology LTC2216 Datasheet HTML 25Page - Linear Technology LTC2216 Datasheet HTML 26Page - Linear Technology LTC2216 Datasheet HTML 27Page - Linear Technology LTC2216 Datasheet HTML 28Page - Linear Technology LTC2216 Datasheet HTML 29Page - Linear Technology LTC2216 Datasheet HTML 30Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
LTC2216/LTC2215
26
22165f
use the clock duty cycle stabilizer, the MODE pin must be
connected to 1/3VDD or 2/3VDD using external resistors.
The lower limit of the LTC2216/LTC2215 sample rate
is determined by droop affecting the sample and hold
circuits. The pipelined architecture of this ADC relies on
storing analog signals on small valued capacitors. Junc-
tion leakage will discharge the capacitors. The specified
minimum operating frequency for both the LTC2215 and
LTC2216 is 1Msps.
DIGITAL OUTPUTS
Digital Output Modes
The LTC2216/LTC2215 can operate in four digital output
modes: standard LVDS, low power LVDS, full rate CMOS,
and demultiplexed CMOS. The LVDS pin selects the mode
of operation. This pin has a four level logic input, centered
at 0, 1/3VDD, 2/3VDD and VDD. An external resistor divider
can be used to set the 1/3VDD and 2/3VDD logic levels.
Table 1 shows the logic states for the LVDS pin.
Table 1. LVDS Pin Function
LVDS
DIGITAL OUTPUT MODE
0V(GND)
Full-Rate CMOS
1/3VDD
Demultiplexed CMOS
2/3VDD
Low Power LVDS
VDD
LVDS
Digital Output Buffers (CMOS Modes)
Figure 11 shows an equivalent circuit for a single output
buffer in CMOS Mode, Full-Rate or Demultiplexed. Each
buffer is powered by OVDD and OGND, isolated from the
ADC power and ground. The additional N-channel transistor
in the output driver allows operation down to low voltages.
The internal resistor in series with the output makes the
output appear as 50
Ω to external circuitry and eliminates
the need for external damping resistors.
As with all high speed/high resolution converters, the
digital output loading can affect the performance. The
digital outputs of the LTC2216/LTC2215 should drive a
minimum capacitive load to avoid possible interaction
between the digital outputs and sensitive input circuitry.
The output should be buffered with a device such as the
22165 F11
ENC–
ENC+
3.3V
3.3V
D0
Q0
Q0
MC100LVELT22
130Ω
130Ω
83Ω
83Ω
LTC2216/
LTC2215
Figure 11. ENC Drive Using a CMOS to PECL Translator
Maximum and Minimum Encode Rates
The maximum encode rate for the LTC2216 is 80Msps,
while the maximum encode rate for the LTC2215 is 65Msps.
For the ADCs to operate properly the encode signal should
have a 50% (±5%) duty cycle. Each half cycle must have
at least 5.94ns for the LTC2216 internal circuitry to have
enough settling time for proper operation. For the LTC2215,
each half cycle must be at least 7.31ns. Achieving a pre-
cise 50% duty cycle is easy with differential sinusoidal
drive using a transformer or using symmetric differential
logic such as PECL or LVDS. When using a single-ended
ENCODE signal asymmetric rise and fall times can result
in duty cycles that are far from 50%.
An optional clock duty cycle stabilizer can be used if the
input clock does not have a 50% duty cycle. This circuit
uses the rising edge of ENC pin to sample the analog input.
The falling edge of ENC is ignored and an internal falling
edge is generated by a phase-locked loop. The input clock
duty cycle can vary from 30% to 70% and the clock duty
cycle stabilizer will maintain a constant 50% internal duty
cycle. If the clock is turned off for a long period of time,
the duty cycle stabilizer circuit will require one hundred
clock cycles for the PLL to lock onto the input clock. To
Figure 10. Single-Ended ENC Drive,
Not Recommended for Low Jitter
22165 F10
ENC–
1.6V
VTHRESHOLD = 1.6V
ENC+
0.1μF
LTC2216/
LTC2215
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com