Electronic Components Datasheet Search
  English  ▼

X  

LTC2216 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2216
Description  16-Bit, 80Msps/65Msps Low Noise ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2216 Datasheet(HTML) 3 Page - Linear Technology

  LTC2216 Datasheet HTML 1Page - Linear Technology LTC2216 Datasheet HTML 2Page - Linear Technology LTC2216 Datasheet HTML 3Page - Linear Technology LTC2216 Datasheet HTML 4Page - Linear Technology LTC2216 Datasheet HTML 5Page - Linear Technology LTC2216 Datasheet HTML 6Page - Linear Technology LTC2216 Datasheet HTML 7Page - Linear Technology LTC2216 Datasheet HTML 8Page - Linear Technology LTC2216 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
LTC2216/LTC2215
3
22165f
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 4)
CONVERTER CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Integral Linearity Error
Differential Analog Input (Note 5)
l
±1.2
±3.5
LSB
Differential Linearity Error
Differential Analog Input
l
0.16/–0.2
±1
LSB
Offset Error
(Note 6)
l
±1.5
±8
mV
Offset Drift
±4
μV/°C
Gain Error
External Reference
l
±0.3
±1
%FS
Full-Scale Drift
Internal Reference
External Reference
–65
±12
ppm/°C
ppm/°C
Transition Noise
External Reference
2
LSBRMS
The
l denotes the specifications which apply over the full operating temperature range, otherwise
specifications are at TA = 25°C. (Note 4)
ANALOG INPUT
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Analog Input Range (AIN+ – AIN–)
3.135V ≤ VDD ≤ 3.465V
2.75
VP-P
VIN, CM
Analog Input Common Mode
Differential Input (Note 7)
l
1.2
1.575
1.8
V
IIN
Analog Input Leakage Current
0V ≤ AIN+, AIN– ≤ VDD
l
–1
1
μA
ISENSE
SENSE Input Leakage Current
0V ≤ SENSE ≤ VDD
l
–3
3
μA
IMODE
MODE Pin Pull-Down Current to GND
10
μA
ILVDS
LVDS Pin Pull-Down Current to GND
10
μA
CIN
Analog Input Capacitance
Sample Mode ENC+ < ENC–
Hold Mode ENC+ > ENC–
9.1
1.8
pF
pF
tAP
Sample-and-Hold
Acquisition Delay Time
0.35
ns
tJITTER
Sample-and-Hold
Aperture Jitter
85
fs RMS
CMRR
Analog Input
Common Mode Rejection Ratio
1.2V < (AIN+ = AIN–) <1.8V
80
dB
BW-3dB
Full Power Bandwidth
RS < 25Ω
400
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com