Electronic Components Datasheet Search
  English  ▼

X  

LTC2216 Datasheet(PDF) 29 Page - Linear Technology

Part # LTC2216
Description  16-Bit, 80Msps/65Msps Low Noise ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2216 Datasheet(HTML) 29 Page - Linear Technology

Back Button LTC2216 Datasheet HTML 25Page - Linear Technology LTC2216 Datasheet HTML 26Page - Linear Technology LTC2216 Datasheet HTML 27Page - Linear Technology LTC2216 Datasheet HTML 28Page - Linear Technology LTC2216 Datasheet HTML 29Page - Linear Technology LTC2216 Datasheet HTML 30Page - Linear Technology LTC2216 Datasheet HTML 31Page - Linear Technology LTC2216 Datasheet HTML 32Page - Linear Technology LTC2216 Datasheet HTML 33Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
LTC2216/LTC2215
29
22165f
Figure 15. Descrambling a Scrambled Digital Output
•
•
•
D1
D0
D2
D14
D15
PC BOARD
FPGA
CLKOUT
OF
D15 D0
D14 D0
D2 D0
D1 D0
D0
22165 F15
LTC2216/
LTC2215
Internal Dither
The LTC2216/LTC2215 is a 16-bit ADC with a very linear
transfer function; however, at low input levels even slight
imperfections in the transfer function will result in unwanted
tones. Small errors in the transfer function are usually a
result of ADC element mismatches. An optional internal
dither mode can be enabled to randomize the input location
on the ADC transfer curve, resulting in improved SFDR
for low signal levels.
As shown in Figure 16, the output of the sample-and-hold
amplifier is summed with the output of a dither DAC. The
dither DAC is driven by a long sequence pseudo-random
number generator; the random number fed to the dither DAC
is also subtracted from the ADC result. If the dither DAC
is precisely calibrated to the ADC, very little of the dither
signal will be seen at the output. The dither signal that does
leak through will appear as white noise. The dither DAC is
calibrated to result in typically less than 0.5dB elevation
in the noise floor of the ADC, as compared to the noise
floor with dither off when a suitable input termination is
provided (see Demo Board schematic DC996B).
Figure 16. Functional Equivalent Block Diagram of Internal Dither Circuit
+–
AIN–
AIN+
S/H
AMP
DIGITAL
SUMMATION
OUTPUT
DRIVERS
MULTIBIT DEEP
PSEUDO-RANDOM
NUMBER
GENERATOR
16-BIT
PIPELINED
ADC CORE
PRECISION
DAC
CLOCK/DUTY
CYCLE
CONTROL
CLKOUT
OF
D15
•
•
•
D0
ENC
DITHER ENABLE
HIGH = DITHER ON
LOW = DITHER OFF
DITH
ENC
ANALOG
INPUT
22165 F16
LTC2216/LTC2215
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com