Electronic Components Datasheet Search
  English  ▼

X  

THS1060 Datasheet(PDF) 6 Page - Texas Instruments

Part # THS1060
Description  10-BIT 60 MSPS IF SAMPLING COMMUNICATIONS ANALOG-TO-DIGITAL CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1060 Datasheet(HTML) 6 Page - Texas Instruments

Back Button THS1060 Datasheet HTML 2Page - Texas Instruments THS1060 Datasheet HTML 3Page - Texas Instruments THS1060 Datasheet HTML 4Page - Texas Instruments THS1060 Datasheet HTML 5Page - Texas Instruments THS1060 Datasheet HTML 6Page - Texas Instruments THS1060 Datasheet HTML 7Page - Texas Instruments THS1060 Datasheet HTML 8Page - Texas Instruments THS1060 Datasheet HTML 9Page - Texas Instruments THS1060 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
THS1060
10-BIT 60 MSPS IF SAMPLING COMMUNICATIONS
ANALOG-TO-DIGITAL CONVERTER
SLAS212 – MARCH 2000
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
ac specifications, over recommended operating free-air temperature range, AVDD = DVDD = 5 V,
DRVDD = 3.3 V, internal references, CLK = 60 MHz, analog input at –2 dBFS(unless otherwise
noted)†
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fIN = 2.2 MHz
60
SNR
Signal to noise ratio
fIN =15.5 MHz
56
60
dBFS
fIN =31 MHz
60
fIN = 2.2 MHz
59
SINAD
Signal to noise and distortion
fIN =15.5 MHz
53
59.6
dBFS
fIN =31 MHz
59
ENOB
Effective number of bits
fIN =15.5 MHz
8.5
9.6
bits
THD
Total harmonic distortion
fIN =15.5 MHz
–72
–54
dBc
SFDR
Spurious-free dynamic range
fIN =15.5 MHz
57
73
dBc
d
fIN = 2.2 MHz
–80
2nd Harmonic
Distortion
fIN =15.5 MHz
–77
–57
dBc
fIN = 31 MHz
–79
d
fIN = 2.2 MHz
–68
3rd Harmonic
Distortion
fIN =15.5 MHz
–79
–60
dBc
fIN = 31 MHz
–68
Two tone SFDR
F1 = 14.9 MHz,
F2 = 15.6 MHz,
Analog inputs at – 8 dBFS each
70
dBc
† All typical values are at TA = 25°C.
operating characteristics over recommended operating conditions, AVDD = DVDD = 5 V,
DRVDD = 3.3 V
switching specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Aperture delay, td(A)
120
ps
Aperture jitter
1
ps RMS
Output delay td(O)
After falling edge of CLK+
13
ns
Pipeline delay td(PIPE)
6.5
CLK
Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com