Electronic Components Datasheet Search
  English  ▼

X  

THS1060 Datasheet(PDF) 17 Page - Texas Instruments

Part # THS1060
Description  10-BIT 60 MSPS IF SAMPLING COMMUNICATIONS ANALOG-TO-DIGITAL CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1060 Datasheet(HTML) 17 Page - Texas Instruments

Back Button THS1060 Datasheet HTML 13Page - Texas Instruments THS1060 Datasheet HTML 14Page - Texas Instruments THS1060 Datasheet HTML 15Page - Texas Instruments THS1060 Datasheet HTML 16Page - Texas Instruments THS1060 Datasheet HTML 17Page - Texas Instruments THS1060 Datasheet HTML 18Page - Texas Instruments THS1060 Datasheet HTML 19Page - Texas Instruments THS1060 Datasheet HTML 20Page - Texas Instruments THS1060 Datasheet HTML 21Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
THS1060
10-BIT 60 MSPS IF SAMPLING COMMUNICATIONS
ANALOG-TO-DIGITAL CONVERTER
SLAS212 – MARCH 2000
17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
using the analog input
The THS1060 obtains optimum performance when the analog signal inputs are driven differentially. The circuit
below shows the optimum configuration, see Figure 23. The signal is fed to the primary of an RF transformer.
Since the input signal must be biased around the common mode voltage of the internal circuitry, the common
mode (VCM) reference from the THS1060 is connected to the center-tap of the secondary. To ensure a steady
low noise VCM reference the best performance is obtained when the VCM output is connected to ground with
a 0.1
µF and 0.01 µF low inductance capacitor.
R
VIN+
VCM
THS1060
0.01
µF
0.1
µF
50
Ω
1:1
VIN–
50
Ω
ac Signal
T1-1T
Figure 23. THS1060 With Coaxial Feed
When it is necessary to buffer or apply a gain to the incoming analog signal, it is also possible to combine a
single-ended amplifier with an RF transformer as shown in Figure 24. For this application, a wide-band current
mode feedback amplifier such as the THS3001 is best. The single ended output allows the use of standard
passive filters between the amplifier output and the primary. In this case, the SFDR of the op amp is not as critical
as that of the A/D converter. While harmonics generated from within the A/D converter fold back into the first
Nyquist zone, harmonics generated externally in the op amps can be filtered out with passive filters.
VIN+
VIN–
VCM
THS1060
0.1
µF
0.01
µF
_
+
BPF
10
Ω
1 k
Ω
1 k
Ω
RT
IF Input
THS3001
Impedance Ratio = 1:n
Figure 24. IF Input Buffered with THS3001 Op Amp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com