Electronic Components Datasheet Search
  English  ▼

X  

THS1060 Datasheet(PDF) 7 Page - Texas Instruments

Part # THS1060
Description  10-BIT 60 MSPS IF SAMPLING COMMUNICATIONS ANALOG-TO-DIGITAL CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1060 Datasheet(HTML) 7 Page - Texas Instruments

Back Button THS1060 Datasheet HTML 3Page - Texas Instruments THS1060 Datasheet HTML 4Page - Texas Instruments THS1060 Datasheet HTML 5Page - Texas Instruments THS1060 Datasheet HTML 6Page - Texas Instruments THS1060 Datasheet HTML 7Page - Texas Instruments THS1060 Datasheet HTML 8Page - Texas Instruments THS1060 Datasheet HTML 9Page - Texas Instruments THS1060 Datasheet HTML 10Page - Texas Instruments THS1060 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
THS1060
10-BIT 60 MSPS IF SAMPLING COMMUNICATIONS
ANALOG-TO-DIGITAL CONVERTER
SLAS212 – MARCH 2000
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
definitions of specifications
analog bandwidth
The analog input frequency at which the spectral power of the fundamental frequency of a large input signal
is reduced by 3 dB.
aperture delay
The delay between the 50% point of the rising edge of the clock and the instant at which the analog input is
sampled.
aperture uncertainity (jitter)
The sample-to-sample variation in aperture delay
differential nonlinearity
The average deviation of any output code from the ideal width of 1 LSB.
clock pulse width/duty cycle
Pulse width high is the minimum amount of time that the clock pulse should be left in logic 1 state to achieve
rated performance; pulse width low is the minimum time clock pulse should be left in low state. At a given clock
rate, these specs define acceptable clock duty cycles.
offset error
The difference between the analog input voltage at which the analog-to-digital converter output changes from
negative full scale, to one LSB above negative full scale, and the ideal voltage at which this transition should
occur.
gain error
The maximum error in LSBs between a digitized ideal full scale low frequency offset corrected triangle wave
analog input, from the ideal digitized full scale triangle wave, divided by the full scale range, in this case 1024.
harmonic distortion
The ratio of the power of the fundamental to a given harmonic component reported in dBc.
integral nonlinearity
The deviation of the transfer function from an end-point adjusted reference line measured in fractions of 1 LSB.
Also the integral of the DNL curve.
output delay
The delay between the 50% point of the falling edge of the clock and signal and the time when all output data
bits are within valid logic levels (not including pipeline delay).
signal-to-noise-and distortion (SINAD)
When tested with a single tone, the ratio of the signal power to the sum of the power of all other spectral
components, excluding dc, referenced to full scale.
signal-to-noise ratio (SNR)
When tested with a single tone, the ratio of the signal power to the sum of the power of all other power spectral
components, excluding dc and the first 9 harmonics, referenced to full scale.
effective number of bits (ENOB)
For a sine wave, SINAD can be expressed in terms of the number of bits, using the following formula,
ENOB
+
(SINAD
* 1.76)
6.02
spurious-free dynamic range (SFDR)
The ratio of the signal power to the power of the worst spur, excluding dc. The worst spurious component may
or may not be a harmonic. The ratio is reported in dBc (that is, degrades as signal levels are lowered).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com