Electronic Components Datasheet Search
  English  ▼

X  

THS1060 Datasheet(PDF) 4 Page - Texas Instruments

Part # THS1060
Description  10-BIT 60 MSPS IF SAMPLING COMMUNICATIONS ANALOG-TO-DIGITAL CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1060 Datasheet(HTML) 4 Page - Texas Instruments

  THS1060 Datasheet HTML 1Page - Texas Instruments THS1060 Datasheet HTML 2Page - Texas Instruments THS1060 Datasheet HTML 3Page - Texas Instruments THS1060 Datasheet HTML 4Page - Texas Instruments THS1060 Datasheet HTML 5Page - Texas Instruments THS1060 Datasheet HTML 6Page - Texas Instruments THS1060 Datasheet HTML 7Page - Texas Instruments THS1060 Datasheet HTML 8Page - Texas Instruments THS1060 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
THS1060
10-BIT 60 MSPS IF SAMPLING COMMUNICATIONS
ANALOG-TO-DIGITAL CONVERTER
SLAS212 – MARCH 2000
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature (unless otherwise noted)†
Supply voltage range: AVDD
– 0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DVDD
– 0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DRVDD
– 0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage between AVSS and DVSS
– 0.3 V to 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage between DRVDD and DVDD
– 0.5 V to 5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage between AVDD and DVDD
– 0.5 V to 5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital data output
– 0.3 V to DVDD+0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
CLK peak input current
20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak total input current (all inputs)
– 30 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: THS1060C
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
THS1060I
– 40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from the case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
recommended operating conditions
PARAMETER
MIN
NOM
MAX
UNIT
Sample rate
1
60
MSPS
Analog supply voltage, AVDD
4.75
5
5.25
V
Digital supply voltage, DVDD
4.75
5
5.25
V
Digital output driver supply voltage, DRVDD
3
3.3
5.25
V
CLK + high level input voltage, VIH
4
5
5.5
V
CLK + low-level input voltage, VIL
0
1
V
CLK – high-level input voltage, VIH
4
5
5.5
V
CLK – low-level input voltage, VIL
0
1
V
CLK pulse-width high, tp(H)
7.5
8.3
ns
CLK pulse-width low, tp(L)
7.5
8.3
ns
Operating free-air temperature range, TA
THS1060C
0
70
°C
Operating free-air temperature range, TA
THS1060I
–40
85
°C
electrical characteristics, over recommended operating free-air temperature range,
AVDD = DVDD = 5 V, DRVDD = 3.3 V, internal references, CLK = 60 MHz, (unless otherwise noted)‡
dc accuracy
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DNL
Differential nonlinearity (see Note 1)
±0.4
±1
LSB
No missing codes (see Note 2)
Assured
INL
Integral nonlinearity (see Note 1)
±0.9
±3
LSB
EO
Offset error
15
31
mV
EG
Gain error
–7
–10
%FSR
‡ All typical values are at TA = 25°C.
NOTES:
1. Tested without over ranging
2. Tested with over ranging



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com