Electronic Components Datasheet Search
  English  ▼

X  

THS1060 Datasheet(PDF) 12 Page - Texas Instruments

Part # THS1060
Description  10-BIT 60 MSPS IF SAMPLING COMMUNICATIONS ANALOG-TO-DIGITAL CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1060 Datasheet(HTML) 12 Page - Texas Instruments

Back Button THS1060 Datasheet HTML 8Page - Texas Instruments THS1060 Datasheet HTML 9Page - Texas Instruments THS1060 Datasheet HTML 10Page - Texas Instruments THS1060 Datasheet HTML 11Page - Texas Instruments THS1060 Datasheet HTML 12Page - Texas Instruments THS1060 Datasheet HTML 13Page - Texas Instruments THS1060 Datasheet HTML 14Page - Texas Instruments THS1060 Datasheet HTML 15Page - Texas Instruments THS1060 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
THS1060
10-BIT 60 MSPS IF SAMPLING COMMUNICATIONS
ANALOG-TO-DIGITAL CONVERTER
SLAS212 – MARCH 2000
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
0
10
20
30
40
50
60
70
80
90
100
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
NOISE AND DISTORTION
vs
ANALOG INPUT POWER LEVEL
Input Power – dBFS
Fs = 60 MSPS
fIN = 15.5 MHz
SINAD(dBFS)
SNR(dBFS)
SFDR(dBc)
Figure 12
0
10
20
30
40
50
60
70
80
90
100
5
10152025
3035404550
5560657075
Clock Frequency – MHz
SINAD(dBFS)
SNR(dBFS)
SFDR(dBc)
NOISE AND DISTORTION
vs
CLOCK FREQUENCY
fIN = 15.5 MHz, VIN @ –2 dBFS
Figure 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com