Electronic Components Datasheet Search
  English  ▼

X  

TMS370 Datasheet(PDF) 24 Page - Texas Instruments

Part # TMS370
Description  8-BIT MICROCONTROLLER
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS370 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TMS370 Datasheet HTML 20Page - Texas Instruments TMS370 Datasheet HTML 21Page - Texas Instruments TMS370 Datasheet HTML 22Page - Texas Instruments TMS370 Datasheet HTML 23Page - Texas Instruments TMS370 Datasheet HTML 24Page - Texas Instruments TMS370 Datasheet HTML 25Page - Texas Instruments TMS370 Datasheet HTML 26Page - Texas Instruments TMS370 Datasheet HTML 27Page - Texas Instruments TMS370 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 63 page
background image
TMS370CxCx
8-BIT MICROCONTROLLER
SPNS040B – NOVEMBER 1995 – REVISED FEBRUARY 1997
24
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
programmable timer 1 (continued)
16-Bit
Watchdog Counter
Reset
Prescaler
Clock
Watchdog Reset Key
WD OVRFL
TAP SEL
T1CTL1.7
WDRST.7-0
WDCNTR.15-0
T1CTL2.5
WD OVFL
INT FLAG
WD OVRFL
INT ENA
Interrupt
T1CTL2.6
Figure 10. Simple Counter
serial communications interface 2 module
The TMS370CxCx devices include a serial communications interface 2 (SCI2) module. The SCI2 module
supports digital communications between the TMS370 devices and other asynchronous peripherals and uses
the standard non-return-zero (NRZ) format. The SCI2 modules receiver and transmitter are double buffered,
and each has its own separate enable and interrupt bits. Both can be operated independently or simultaneously
in the full duplex mode. To ensure data integrity, the SCI2 checks received data for break detection, parity,
overrun, and framing errors. The speed of bit rate (baud) is programmable to over 65,000 different speeds
through a 16-bit baud-select register. Features of the SCI2 module include:
D Two external pins:
–
SCITXD: SCI2 module transmit-output pin or general-purpose bidirectional I/O pin.
–
SCIRXD: SCI2 module receive-input pin or general-purpose bidirectional I/O pin.
D Asynchronous communications mode
D Baud rate: 64K different programmable rates
–
Asynchronous mode: 3 bps to 156K bps at 5 MHz SYSCLK
Asynchronous Baud
+
SYSCLK
(BAUD REG
) 1)
32
D Data word format:
–
One start bit
–
Data word length programmable from one to eight bits
–
Optional even / odd / no parity bit
–
One or two stop bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com