Electronic Components Datasheet Search
  English  ▼

X  

TMS370 Datasheet(PDF) 32 Page - Texas Instruments

Part # TMS370
Description  8-BIT MICROCONTROLLER
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS370 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TMS370 Datasheet HTML 28Page - Texas Instruments TMS370 Datasheet HTML 29Page - Texas Instruments TMS370 Datasheet HTML 30Page - Texas Instruments TMS370 Datasheet HTML 31Page - Texas Instruments TMS370 Datasheet HTML 32Page - Texas Instruments TMS370 Datasheet HTML 33Page - Texas Instruments TMS370 Datasheet HTML 34Page - Texas Instruments TMS370 Datasheet HTML 35Page - Texas Instruments TMS370 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 63 page
background image
TMS370CxCx
8-BIT MICROCONTROLLER
SPNS040B – NOVEMBER 1995 – REVISED FEBRUARY 1997
32
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
serial communications interface 2 module (continued)
Bit 3
OE (SCI overrun error flag)
The SCI sets this bit when a character is transferred into RXBUF before the previous character
has been read out. The previous character is overwritten and lost. The OE flag is reset by an SCI
SW RESET, by a system reset, or by reading RXBUF.
0 = No overrun error detected
1 = Overrun error detected
Bit 4
FE (SCI framing error flag)
The SCI sets this bit when it does not find a stop bit that it expects. Only the first stop bit is checked.
The missing stop bit indicates that synchronization with the start bit has been lost and that the
character is incorrectly framed. It is reset by an SCI SW RESET, by a system reset, or by reading
RXBUF.
0 = No framing error detected
1 = Framing error detected
Bit 5
BRKDT (SCI break detect flag)
The SCI sets this bit when a break condition occurs. A break condition occurs when the SCIRXD
line remains continuously low for at least 10 bits, beginning after a missing first stop bit. The
occurrence of a break causes a receiver interrupt to be generated if the SCI RX INT ENA bit is
a 1, but it does not cause the receiver buffer to be loaded. A BRKDT interrupt can occur, even if
the receiver SLEEP bit is set to 1.
BRKDT is cleared by an SCI SW RESET or by a system reset. It is not cleared by receipt of a
character after the break is detected. In order to receive more characters, the SCI must be reset
by toggling the SCI SW RESET bit or by a system reset.
Bit 6
RXRDY (SCI receiver ready)
The receiver sets this bit to indicate that RXBUF is ready with a new character and clears the bit
when the character is read. A receiver interrupt is generated if the SCI RX INT ENA bit is a 1.
RXRDY is reset by an SCI SW RESET or by a system reset.
Bit 7
RX ERROR (SCI receiver error flag)
The RX ERROR flag indicates that one of the error flags in the receiver status register is set. It
is a logical OR of the parity, overrun, framing error, and break detect flags. The bit can be used
for fast error condition checking during the interrupt service routine because a negative value of
the status register indicates that an error condition has occurred. This error flag cannot be cleared
directly but is cleared if no individual error flags are set. This bit is cleared by an SCI SW RESET,
by a system reset, or by reading RXBUF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com