Electronic Components Datasheet Search
  English  ▼

X  

TP3064B Datasheet(PDF) 7 Page - Texas Instruments

Part # TP3064B
Description  MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TP3064B Datasheet(HTML) 7 Page - Texas Instruments

Back Button TP3064B Datasheet HTML 3Page - Texas Instruments TP3064B Datasheet HTML 4Page - Texas Instruments TP3064B Datasheet HTML 5Page - Texas Instruments TP3064B Datasheet HTML 6Page - Texas Instruments TP3064B Datasheet HTML 7Page - Texas Instruments TP3064B Datasheet HTML 8Page - Texas Instruments TP3064B Datasheet HTML 9Page - Texas Instruments TP3064B Datasheet HTML 10Page - Texas Instruments TP3064B Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
TP3064B, TP3067B, TP13064B, TP13067B
MONOLITHIC SERIAL INTERFACE
COMBINED PCM CODEC AND FILTER
SCTS031D – MAY 1990 –REVISED JULY 1996
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing requirements
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
fclock(M) Frequency of master clock
MCLX
and
MCLKR
Depends on the device used and
BCLKX/CLKSEL
1.536
1.544
2.048
MHz
fclock(B)
Frequency of bit clock, transmit
BCLKX
64
2.048
MHz
tr1
Rise time of master clock
MCLKX
and
MCLKR
Measured from 20% to 80%
50
ns
tf1
Fall time of master clock
MCLKX
and
MCLKR
Measured from 20% to 80%
50
ns
tr2
Rise time of bit clock, transmit
BCLKX
Measured from 20% to 80%
50
ns
tf2
Fall time of bit clock, transmit
BCLKX
Measured from 20% to 80%
50
ns
tw1
Pulse duration, MCLKX and MCLKR high
160
ns
tw2
Pulse duration, MCLKX and MCLKR low
160
ns
tsu1
Setup time, BCLKX high (and FSX in long-frame
sync mode) before MCLKX
↓
First bit clock after the leading edge
of FSX
100
ns
tw3
Pulse duration, BCLKX and BCLKR high
VIH = 2.2 V
160
ns
tw4
Pulse duration, BCLKX and BCLKR low
VIL = 0.6 V
160
ns
th1
Hold time, frame sync low after bit clock low (long
frame only)
0
ns
th2
Hold time, BCLKX high after frame sync
↑ (short
frame only)
0
ns
tsu2
Setup time, frame sync high before bit clock
↓ (long
frame only)
80
ns
td1
Delay time, BCLKX high to data valid
Load = 150 pF plus 2 LSTTL loads‡
0
140
ns
td2
Delay time, BCLKX high to TSX low
Load = 150 pF plus 2 LSTTL loads‡
140
ns
td3
Delay time, BCLKX (or 8 clock FSX in long frame
only) low to data output disabled
50
165
ns
td4
Delay time, FSX or BCLKX high to data valid (long
frame only)
CL = 0 pF to 150 pF
20
165
ns
tsu3
Setup time, DR valid before BCLKR
↓
50
ns
th3
Hold time, DR valid after BCLKR or BCLKX
↓
50
ns
tsu4
Setup time, FSR or FSX high before BCLKR or
BCLKX
↓
Short-frame sync pulse (1- or 2-bit
clock periods long) (see Note 3)
50
ns
th4
Hold time, FSX or FSR high after BCLKX or
BCLKR
↓
Short-frame sync pulse (1- or 2-bit
clock periods long) (see Note 3)
100
ns
th5
Hold time, frame sync high after bit clock
↓
Long-frame sync pulse (from 3- to
8-bit clock periods long)
100
ns
tw5
Pulse duration of the frame sync pulse (low level)
64 kbps operating mode
160
ns
† All typical values are at VCC = 5 V, VBB = –5 V, and TA = 25°C.
‡ Nominal input value for an LSTTL load is 18 k
Ω.
NOTE 3: For short-frame sync timing, FSR and FSX must go high while their respective bit clocks are high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com