Electronic Components Datasheet Search
  English  ▼

X  

TP3064B Datasheet(PDF) 19 Page - Texas Instruments

Part # TP3064B
Description  MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TP3064B Datasheet(HTML) 19 Page - Texas Instruments

Back Button TP3064B Datasheet HTML 13Page - Texas Instruments TP3064B Datasheet HTML 14Page - Texas Instruments TP3064B Datasheet HTML 15Page - Texas Instruments TP3064B Datasheet HTML 16Page - Texas Instruments TP3064B Datasheet HTML 17Page - Texas Instruments TP3064B Datasheet HTML 18Page - Texas Instruments TP3064B Datasheet HTML 19Page - Texas Instruments TP3064B Datasheet HTML 20Page - Texas Instruments TP3064B Datasheet HTML 21Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
TP3064B, TP3067B, TP13064B, TP13067B
MONOLITHIC SERIAL INTERFACE
COMBINED PCM CODEC AND FILTER
SCTS031D – MAY 1990 –REVISED JULY 1996
19
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
BCLKX
MCLKX
TP3064B
TP3067B
TP13064B
TP13067B
2
2
Hybrid
1
1
ZBAL
MCLKR/PDN
BCLKR
DR
FSR
R4
R3
300
Ω
R2
R1
300
Ω
600
Ω
–5 V
5 V
0.1
µF
0.1
µF
FSX
DX
ANLG LOOP
TSX
VPO +
GSX
VFXI –
VFXI +
VBB
GND
VCC
VPO –
VPI
VFRO
20
11
12
13
14
17
18
15
16
18
19
6
10
9
8
7
5
4
3
1
NOTES: A. Transmit gain = 20 log
R1 + R2
R2
(R1 + R2)
≥ 10 kΩ
B. Receive gain = 20 log
2
× R3
R4
R4
≥ 10 kΩ
,
,
Figure 4. Typical Synchronous Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com