Electronic Components Datasheet Search
  English  ▼

X  

TP3064B Datasheet(PDF) 14 Page - Texas Instruments

Part # TP3064B
Description  MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TP3064B Datasheet(HTML) 14 Page - Texas Instruments

Back Button TP3064B Datasheet HTML 10Page - Texas Instruments TP3064B Datasheet HTML 11Page - Texas Instruments TP3064B Datasheet HTML 12Page - Texas Instruments TP3064B Datasheet HTML 13Page - Texas Instruments TP3064B Datasheet HTML 14Page - Texas Instruments TP3064B Datasheet HTML 15Page - Texas Instruments TP3064B Datasheet HTML 16Page - Texas Instruments TP3064B Datasheet HTML 17Page - Texas Instruments TP3064B Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
TP3064B, TP3067B, TP13064B, TP13067B
MONOLITHIC SERIAL INTERFACE
COMBINED PCM CODEC AND FILTER
SCTS031D – MAY 1990 –REVISED JULY 1996
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
system reliability and design considerations
TP306xB, TP1306xB system reliability and design considerations are detailed in the following paragraphs.
latch-up
Latch-up is possible in all CMOS devices. It is caused by the firing of a parasitic SCR that is present due to the
inherent nature of CMOS. When a latch-up occurs, the device draws excessive amounts of current and will
continue to draw heavy current until power is removed. Latch-up can result in permanent damage to the device
if supply current to the device is not limited.
Even though the TP306xB and TP1306xB devices are heavily protected against latch-up, it is still possible to
cause latch-up under certain conditions in which excess current is forced into or out of one or more terminals.
Latch-up can occur when the positive supply voltage drops momentarily below ground, when the negative
supply voltage rises momentarily above ground, or possibly if a signal is applied to a terminal after power has
been applied but before the ground is connected. This can happen if the device is hot-inserted into a card with
the power applied, or if the device is mounted on a card with an edge connector, and the card is hot-inserted
into a system with the power on.
To help ensure that latch-up does not occur, it is considered good design practice to connect a reversed biased
Schottky diode (with a forward voltage drop of less than or equal to 0.4 V — 1N5711 or equivalent), between
each power supply and GND (see Figure 3). If it is possible that a TP306xB- or TP1306xB-equipped card that
has an edge connector could be hot-inserted into a powered-up system, it is also important to ensure that the
ground edge connector traces are longer than the power and signal traces so that the card ground is always
the first to make contact.
device power-up sequence
Latch-up can also occur if a signal source is connected without the device being properly grounded. A signal
applied to one terminal could then find a ground through another signal terminal on the device. To ensure proper
operation of the device and as a safeguard against this sort of latch-up, it is recommended the following
power-up sequence always be used:
1.
Ensure no signals are applied to the device before the power-up sequence is complete.
2.
Connect GND.
3.
Apply VBB (most negative voltage).
4.
Apply VCC (most positive voltage).
5.
Force a power down condition in the device.
6.
Connect clocks.
7.
Release power down condition.
8.
Apply FSX and/or FXR synchronization pulses.
9.
Apply signal inputs.
When powering down the device, this procedure should be followed in the reverse order.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com