Electronic Components Datasheet Search
  English  ▼

X  

TP3064B Datasheet(PDF) 8 Page - Texas Instruments

Part # TP3064B
Description  MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TP3064B Datasheet(HTML) 8 Page - Texas Instruments

Back Button TP3064B Datasheet HTML 4Page - Texas Instruments TP3064B Datasheet HTML 5Page - Texas Instruments TP3064B Datasheet HTML 6Page - Texas Instruments TP3064B Datasheet HTML 7Page - Texas Instruments TP3064B Datasheet HTML 8Page - Texas Instruments TP3064B Datasheet HTML 9Page - Texas Instruments TP3064B Datasheet HTML 10Page - Texas Instruments TP3064B Datasheet HTML 11Page - Texas Instruments TP3064B Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
TP3064B, TP3067B, TP13064B, TP13067B
MONOLITHIC SERIAL INTERFACE
COMBINED PCM CODEC AND FILTER
SCTS031D – MAY 1990 –REVISED JULY 1996
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
operating characteristics over operating free-air temperature range, VCC = 5 V ± 5%,
VBB = –5 V ± 5%, GND at 0 V, VI = 1.2276 V, f = 1.02 kHz, transmit input amplifier connected for unity
gain, noninverting (unless otherwise noted)
filter gains and tracking errors
PARAMETER
TEST CONDITIONS‡
MIN
TYP‡
MAX
UNIT
Maximum peak transmit
TP3064B, TP13064B
3.17 dBm0
2.501
V
overload level
TP3067B, TP13067B
3.14 dBm0
2.492
V
Transmit filter gain, absolute (at 0 dBm0)
TA = 25°C
– 0.15
0.15
dB
f = 16 Hz
–40
f = 50 Hz
–30
f = 60 Hz
–26
f = 200 Hz
– 1.8
– 0.1
Transmit filter gain, relative to absolute
f = 300 Hz to 3000 Hz
– 0.15
0.15
dB
f = 3300 Hz
– 0.35
0.05
f = 3400 Hz
– 0.8
0
f = 4000 Hz
–14
f
≥ 4600 Hz (measure response from 0 Hz to4000Hz)
–32
Absolute transmit gain variation with
temperature and supply voltage
Relative to absolute transmit gain
– 0.1
0.1
dB
Sinusoidal test method; Reference level = – 10 dBm0
Transmit gain tracking error with level
3 dBm0
≥ input level ≥ –40 dBm0
±0.2
dB
Transmit gain tracking error with level
– 40 dBm0 > input level
≥ –50 dBm0
±0.4
dB
– 50 dBm0 > input level
≥ –55 dBm0
±0.8
Receive filter gain, absolute (at 0 dBm0)
Input is digital code sequence for 0 dBm0 signal,
TA = 25°C
– 0.15
0.15
dB
f = 0 Hz to 3000 Hz,
TA = 25°C
– 0.15
0.15
Receive filter gain relative to absolute
f = 3300 Hz
– 0.35
0.05
dB
Receive filter gain, relative to absolute
f = 3400 Hz
– 0.8
0
dB
f = 4000 Hz
–14
Absolute receive gain variation with temperature
and supply voltage
TA = full range,
See Note 4
– 0.1
0.1
dB
Sinusoidal test method; reference input PCM code
corresponds to an ideally encoded – 10 dBm0 signal
Receive gain tracking error with level
3 dBm0
≥ input level ≥ –40 dBm0
±0.2
dB
gg
– 40 dBm0 > input level
≥ –50 dBm0
±0.4
– 50 dBm0 > input level
≥ –55 dBm0
±0.8
Receive output drive voltage
RL = 10 kΩ
±2.5
V
Transmit and receive gain tracking error with
Pseudo-noise test method; reference input PCM
code corresponds to an ideally encoded – 10 dBm0
signal
Transmit and receive gain tracking error with
level (A-law, CCITT C712)
3 dBm0
≥ input level ≥ –40 dBm0
±0.25
dB
– 40 dBm0 > input level
≥ –50 dBm0
±0.3
– 50 dBm0 > input level
≥ –55 dBm0
±0.45
† All typical values are at VCC = 5 V, VBB = –5 V, and TA = 25°C.
‡ Absolute rms signal levels are defined as follows: VI = 1.2276 V = 0 dBm0 = 4 dBm at f = 1.02 kHz with RL = 600 Ω.
NOTE 4: Full range for the TP3064B and TP3067B is 0
°C to 70°C. Full range for the TP13064B and TP13067B is –40°C to 85°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com