Electronic Components Datasheet Search
  English  ▼

X  

TP3064B Datasheet(PDF) 16 Page - Texas Instruments

Part # TP3064B
Description  MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TP3064B Datasheet(HTML) 16 Page - Texas Instruments

Back Button TP3064B Datasheet HTML 12Page - Texas Instruments TP3064B Datasheet HTML 13Page - Texas Instruments TP3064B Datasheet HTML 14Page - Texas Instruments TP3064B Datasheet HTML 15Page - Texas Instruments TP3064B Datasheet HTML 16Page - Texas Instruments TP3064B Datasheet HTML 17Page - Texas Instruments TP3064B Datasheet HTML 18Page - Texas Instruments TP3064B Datasheet HTML 19Page - Texas Instruments TP3064B Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
TP3064B, TP3067B, TP13064B, TP13067B
MONOLITHIC SERIAL INTERFACE
COMBINED PCM CODEC AND FILTER
SCTS031D – MAY 1990 –REVISED JULY 1996
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPALS OF OPERATION
asynchronous operation
For asynchronous operation, separate transmit and receive clocks can be applied. MCLKX and MCLKR must
be 2.048 MHz for the TP3064B and TP13064B, 1.536 MHz or 1.544 MHz for the TP3067B and TP13067B and
need not be synchronous. However, for best performance, MCLKR should be synchronous with MCLKX. This
is easily achieved by applying only static logic levels to MCLKR/PDN. This connects MCLKX to all internal
MCLKR functions. For 1.544-MHz operation, the device compensates for the 193rd clock pulse of each frame.
Each encoding cycle is started with FSX, and FSX must be synchronous with MCLKX and BCLKX. Each
decoding cycle is started with FSR, and FSR must be synchronous with BCLKR. The logic levels shown in
Table 1 are not valid in the asynchronous mode. BCLKX and BCLKR can operate from 64 kHz to 2.048 MHz.
short-frame sync operation
The device can operate with either a short- or a long-frame sync pulse. On power up, the device automatically
goes into the short-frame mode where both FSX and FSR must be one bit-clock period long, with timing
relationships specified in Figure 1. With FSX high during a falling edge of BCKLX, the next rising edge of BCLKX
enables the 3-state output buffer, DX, which outputs the sign bit. The remaining seven bits are clocked out on
the following seven rising edges, and the next falling edge disables DX. With FSR high during a falling edge
of BCLKR (BCLKX in synchronous mode), the next falling edge of BCLKR latches in the sign bit. The following
seven falling edges latch in the seven remaining bits. The short-frame sync pulse may be utilized in either the
synchronous or asynchronous mode.
Table 1. Selection of Master-Clock Frequencies
BCLKR/CLKSEL
MASTER-CLOCK FREQUENCY SELECTED
BCLKR/CLKSEL
TP3064B, TP13064B
TP3067B, TP13067B
Clock Input
1.536 MHz or 1.544 MHz
2.048 MHz
Logic Input L
(sync mode only)
2.048 MHz
1.536 MHz or 1.544 MHz
Logic Input H (open)
(sync mode only)
1.536 MHz or 1.544 MHz
2.048 MHz
long-frame sync operation
Both FSX and FSR must be three or more bit-clock periods long to use the long-frame sync mode with timing
relationships as shown in Figure 2. Using the transmit frame sync (FSX), the device detects whether a short-
or long-frame sync pulse is being used. For 64-kHz operation, the frame-sync pulse must be kept low for a
minimum of 160 ns. The rising edge of FSX or BCLKX, which ever occurs later, enables the DX 3-state output
buffer. The first bit clocked out is the sign bit. The next seven rising edges of BCLKX edges clock out the
remaining seven bits. The falling edge of BCLKX following the eighth rising edge or FSX going low, whichever
occurs later, disables DX. A rising edge on FSR, the receive frame sync pulse, causes the PCM data at DR to
be latched in on the next eight falling edges of BCLKR (BCLKX in synchronous mode). The long-frame sync
pulse can be used in either the synchronous or asynchronous mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com