Electronic Components Datasheet Search
  English  ▼

X  

TP3064B Datasheet(PDF) 17 Page - Texas Instruments

Part # TP3064B
Description  MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TP3064B Datasheet(HTML) 17 Page - Texas Instruments

Back Button TP3064B Datasheet HTML 13Page - Texas Instruments TP3064B Datasheet HTML 14Page - Texas Instruments TP3064B Datasheet HTML 15Page - Texas Instruments TP3064B Datasheet HTML 16Page - Texas Instruments TP3064B Datasheet HTML 17Page - Texas Instruments TP3064B Datasheet HTML 18Page - Texas Instruments TP3064B Datasheet HTML 19Page - Texas Instruments TP3064B Datasheet HTML 20Page - Texas Instruments TP3064B Datasheet HTML 21Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
TP3064B, TP3067B, TP13064B, TP13067B
MONOLITHIC SERIAL INTERFACE
COMBINED PCM CODEC AND FILTER
SCTS031D – MAY 1990 –REVISED JULY 1996
17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPALS OF OPERATION
transmit section
The transmit section input is an operational amplifier with provision for gain adjustment using two external
resistors. Gains in excess of 20 dB across the audio pass band are possible via low noise and wide bandwidth.
The operational amplifier drives a unity-gain filter consisting of an RC active prefilter followed by an eight-order
switched-capacitor band-pass filter clocked at 256 kHz. The output of this filter directly drives the encoder
sample-and-hold circuit. As per
µ-law (TP3064B and TP13064B) or A-law (TP3067B and TP13067B) coding
conventions, the ADC is a companding type. A precision voltage reference provides a input overload of
nominally 2.5-V peak. The sampling of the filter output is controlled by the FSX frame-sync pulse. Then the
successive-approximation encoding cycle begins. The 8-bit code is loaded into a buffer and shifted out through
DX at the next FSX pulse. The total encoding delay is approximately 290
µs. Any offset voltage due to the filters
or comparator is cancelled by sign bit integration (see Table 2).
Table 2. Encoding Format at DX Output
TP3064B, TP13064B
µ-LAW
TP3067B, TP13067B
A-LAW
(INCLUDES EVEN-BIT INVERSION)
VI = + Full scale
1 0 0 0 0 0 0 0
1 0 1 0 1 0 1 0
VI = 0
1 1 1 1 1 1 1 1
0 1 1 1 1 1 1 1
1 1 0 1 0 1 0 1
0 1 0 1 0 1 0 1
VI = – Full scale
0 0 0 0 0 0 0 0
0 0 1 0 1 0 1 0
receive section
The receive section consists of an expanding DAC that drives a fifth-order low-pass filter clocked at 256 kHz.
The decoder is
µ-law (TP3064B and TP13064B) or A-law (TP3067B and TP13067B) and the fifth-order
low-pass filter corrects for the (sin x)/x attenuation caused by the 8-kHz sample/hold. The filter is followed by
a second-order RC active post-filter with its output at VFRO. The receive section is unity-gain but gain can be
added by using the power amplifiers. At FSR, the data at DR is clocked in on the falling edge of the next eight
BCLKR (BCLKX) periods. At the end of the decoder time slot, the decoding cycle begins and 10
µs later the
decoder DAC output is updated. The decoder delay is about 10
µs (decoder update) plus 110 µs (filter delay)
plus 62.5
µs (1/2 frame), or a total of approximately180 µs.
receive power amplifiers
Two inverting-mode power amplifiers are provided for directly driving a match-line interface transformer. The
gain of the first power amplifier can be adjusted to boost the
±2.5-V peak output signal from the receive filter
up to the
±3.3-V peak into an unbalanced 300-Ω load, or ±4 V into an unbalanced 15-kΩ load. The second power
amplifier is internally connected in unity-gain inverting mode to give 6-dB signal gain for balanced loads.
Maximum power transfer to a 600-
Ω subscriber line termination is obtained by differentially driving a balanced
transformer with
√2:1 turns ratio, as shown in Figure 3. A total peak power of 15.6 dBm can be delivered to the
load plus termination.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com