Electronic Components Datasheet Search
  English  ▼

X  

TP3064B Datasheet(PDF) 11 Page - Texas Instruments

Part # TP3064B
Description  MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TP3064B Datasheet(HTML) 11 Page - Texas Instruments

Back Button TP3064B Datasheet HTML 7Page - Texas Instruments TP3064B Datasheet HTML 8Page - Texas Instruments TP3064B Datasheet HTML 9Page - Texas Instruments TP3064B Datasheet HTML 10Page - Texas Instruments TP3064B Datasheet HTML 11Page - Texas Instruments TP3064B Datasheet HTML 12Page - Texas Instruments TP3064B Datasheet HTML 13Page - Texas Instruments TP3064B Datasheet HTML 14Page - Texas Instruments TP3064B Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
TP3064B, TP3067B, TP13064B, TP13067B
MONOLITHIC SERIAL INTERFACE
COMBINED PCM CODEC AND FILTER
SCTS031D – MAY 1990 –REVISED JULY 1996
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
crosstalk
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Crosstalk, transmit to receive
f = 300 Hz to 3000 Hz,
DR at steady PCM code
–90
–75
dB
Crosstalk, receive to transmit (see Note 7)
VFXI = 0 V,
f = 300 Hz to 3000 Hz
–90
–72
dB
† All typical values are at VCC = 5 V, VBB = –5 V, and TA = 25°C.
NOTE 7: Receive-to-transmit crosstalk is measured with a – 50 dBm0 activation signal applied to VFXI+.
power amplifiers
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Balanced load, RL, connected
between VPO+ and VPO –
Maximum 0 dBm0 rms level for better than
±0.1 dB linearity over the range if
10 dBm0 to 3 dBm0
RL = 600 Ω
3.3
– 10 dBm0 to 3 dBm0
RL = 1200 Ω
3.5
VRMS
RL = 30 kΩ
4
Signal/distortion
RL = 600 Ω
50
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com