Electronic Components Datasheet Search
  English  ▼

X  

TMS370 Datasheet(PDF) 56 Page - Texas Instruments

Part # TMS370
Description  8-BIT MICROCONTROLLER
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS370 Datasheet(HTML) 56 Page - Texas Instruments

Back Button TMS370 Datasheet HTML 52Page - Texas Instruments TMS370 Datasheet HTML 53Page - Texas Instruments TMS370 Datasheet HTML 54Page - Texas Instruments TMS370 Datasheet HTML 55Page - Texas Instruments TMS370 Datasheet HTML 56Page - Texas Instruments TMS370 Datasheet HTML 57Page - Texas Instruments TMS370 Datasheet HTML 58Page - Texas Instruments TMS370 Datasheet HTML 59Page - Texas Instruments TMS370 Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 77 page
background image
TMS370Cx5x
8-BIT MICROCONTROLLER
SPNS010F – DECEMBER 1986 – REVISED FEBRUARY 1997
56
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage range,VCC1‡, VCC2, VCC3 (see Note 2)
– 0.6 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, All pins except MC
– 0.6 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
MC
– 0.6 V to 14 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0 or VI > VCC1)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VCC1)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current per buffer, IO (VO = 0 to VCC1)§
±10 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum ICC current
170 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum ISS current
– 170 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous power dissipation
1 W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: L version
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
A version
– 40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
T version
– 40
°C to 105°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
‡ VCC1 = VCC
§ Electrical characteristics are specified with all output buffers loaded with specified IO current. Exceeding the specified IO current in any buffer
can affect the levels on other buffers.
NOTE 2: Unless otherwise noted, all voltage values are with respect to VSS1.
recommended operating conditions
MIN
NOM
MAX
UNIT
VCC1
Supply voltage (see Note 2)
4.5
5
5.5
V
VCC1
RAM data-retention supply voltage (see Note 3)
3
5.5
V
VCC2 Digital I/O supply voltage (see Note 2)
4.5
5
5.5
V
VCC3 Analog supply voltage (see Note 2)
4.5
5
5.5
V
VSS2
Digital I/O supply ground
– 0.3
0
0.3
V
VSS3
Analog supply ground
– 0.3
0
0.3
V
VIL
Low level input voltage
All pins except MC
VSS1
0.8
V
VIL
Low-level input voltage
MC, normal operation
VSS1
0.3
V
All pins except MC, XTAL2 / CLKIN, and
RESET
2
VCC1
VIH
High-level input voltage
MC (non-WPO mode)
VCC1 – 0.3
VCC1 + 0.3
V
IH
gg
XTAL2 / CLKIN
0.8 VCC1
VCC1
RESET
0.7 VCC1
VCC1
EEPROM write protect override (WPO)
11.7
12
13
VMC
MC (mode control) voltage
EPROM programming voltage (VPP)
13
13.2
13.5
V
VMC
()
g
(see Note 4)
Microprocessor
VCC1 – 0.3
VCC1 + 0.3
V
Microcomputer
VSS1
0.3
L version
0
70
TA
Operating free-air temperature
A version
– 40
85
°C
T version
– 40
105
NOTES:
2. Unless otherwise noted, all voltage values are with respect to VSS1.
3. RESET must be externally activated when VCC1 or SYSCLK is not within the recommended operating range.
4. The basic microcomputer and microprocessor operating modes are selected by the voltage level applied to the dedicated MC pin
two system-clock cycles (tc) before RESET goes inactive (high). The WPO mode can be selected anytime a sufficient voltage is
present on MC.
electrical characteristics over recommended operating free-air temperature range (unless



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com