Electronic Components Datasheet Search
  English  ▼

X  

TMS370 Datasheet(PDF) 70 Page - Texas Instruments

Part # TMS370
Description  8-BIT MICROCONTROLLER
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS370 Datasheet(HTML) 70 Page - Texas Instruments

Back Button TMS370 Datasheet HTML 66Page - Texas Instruments TMS370 Datasheet HTML 67Page - Texas Instruments TMS370 Datasheet HTML 68Page - Texas Instruments TMS370 Datasheet HTML 69Page - Texas Instruments TMS370 Datasheet HTML 70Page - Texas Instruments TMS370 Datasheet HTML 71Page - Texas Instruments TMS370 Datasheet HTML 72Page - Texas Instruments TMS370 Datasheet HTML 73Page - Texas Instruments TMS370 Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 77 page
background image
TMS370Cx5x
8-BIT MICROCONTROLLER
SPNS010F – DECEMBER 1986 – REVISED FEBRUARY 1997
70
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
The ADC1 module allows complete freedom in design of the sources for the analog inputs. The period of the
sample time is user-defined so that the high-impedance can be accommodated without penalty to the
low-impedance sources. The sample period begins when the SAMPLE START bit of the ADC1 control register
(ADCTL.6) is set to 1. The end of the signal sample period occurs when the conversion bit (CONVERT START,
ADCTL.7) is set to 1. After a hold time, the converter will reset the SAMPLE START and CONVERT START bits,
signaling that a conversion has started and that the analog signal can be removed.
analog timing requirements
MIN
MAX
UNIT
tsu(S)
Setup time, analog to sample command
0
ns
th(AN)
Hold time, analog input from start of conversion
18tc
ns
tw(S)
Pulse duration, sample time per kilohm of source impedance†
1
µs/kΩ
† The value given is valid for a signal with a source impedance > 1 k
Ω. If the source impedance is < 1 kΩ, use a minimum sampling time of 1µs.
Analog In
Sample Start
Convert Start
Analog Stable
th(AN)
tw(S)
tsu(S)
Figure 33. Analog Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com