Electronic Components Datasheet Search
  English  ▼

X  

TMS370 Datasheet(PDF) 1 Page - Texas Instruments

Part # TMS370
Description  8-BIT MICROCONTROLLER
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS370 Datasheet(HTML) 1 Page - Texas Instruments

  TMS370 Datasheet HTML 1Page - Texas Instruments TMS370 Datasheet HTML 2Page - Texas Instruments TMS370 Datasheet HTML 3Page - Texas Instruments TMS370 Datasheet HTML 4Page - Texas Instruments TMS370 Datasheet HTML 5Page - Texas Instruments TMS370 Datasheet HTML 6Page - Texas Instruments TMS370 Datasheet HTML 7Page - Texas Instruments TMS370 Datasheet HTML 8Page - Texas Instruments TMS370 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 77 page
background image
TMS370Cx5x
8-BIT MICROCONTROLLER
SPNS010F – DECEMBER 1986 – REVISED FEBRUARY 1997
1
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
D CMOS/EEPROM/EPROM Technologies on a
Single Device
– Mask-ROM Devices for High-Volume
Production
– One-Time-Programmable (OTP) EPROM
Devices for Low-Volume Production
– Reprogrammable EPROM Devices for
Prototyping Purposes
D Internal System Memory Configurations
– On-Chip Program Memory Versions
– ROM: 4K to 48K Bytes
– EPROM: 16K to 48K Bytes
– ROM-less
– Data EEPROM: 256 or 512 Bytes
– Static RAM: 256 to 3.5K Bytes
– External Memory / Peripheral Wait States
– Precoded External Chip-Select Outputs
in Microcomputer Mode
D Flexible Operating Features
– Low-Power Modes: STANDBY and HALT
– Commercial, Industrial, and Automotive
Temperature Ranges
– Clock Options
– Divide-by-4 (0.5 MHz – 5 MHz SYSCLK)
– Divide-by-1 (2 MHz – 5 MHz SYSCLK)
Phase-Locked Loop (PLL)
– Supply Voltage (VCC): 5 V ± 10%
D Eight-Channel 8-Bit Analog-to-Digital
Converter 1 (ADC1)
D Two 16-Bit General-Purpose Timers
D On-Chip 24-Bit Watchdog Timer
D Two Communication Modules
– Serial Communications Interface 1 (SCI1)
– Serial Peripheral Interface (SPI)
D Flexible Interrupt Handling
D TMS370 Series Compatibility
D CMOS/Package /TTL-Compatible I/O Pins
– 64-Pin Plastic and Ceramic Shrink
Dual-In-Line Packages / 44 Bidirectional,
9 Input Pins
– 68-Pin Plastic and Ceramic Leaded Chip
Carrier Packages / 46 Bidirectional,
9 Input Pins
– All Peripheral Function Pins Are
Software Configurable for Digital I / O
D Workstation/PC-Based Development
System
– C Compiler and C Source Debugger
– Real-Time In-Circuit Emulation
– Extensive Breakpoint / Trace Capability
– Software Performance Analysis
– Multi-Window User Interface
– Microcontroller Programmer
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
© 1997, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
FN / FZ PACKAGE
( TOP VIEW )
C3
C4
C5
C6
C7
SPISOMI
SPICLK
SPISIMO
T1IC/CR
T1PWM
T1EVT
98 7 6 5 4 3
10
11
12
13
14
15
16
2 1 68 67 66 65 64 63 62 61
27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43
17
18
19
20
21
22
23
24
25
26
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
VCC2
VSS2
A0
A1
A2
A3
A4
A5
A6
A7
T2AEVT
T2AIC2/PWM
INT1
INT2
INT3
D1 / CSH3
D2 / CSH2
D3 / SYSCLK
D4 /R /W
D5 / CSPF
D6/CSH1/EDS
D7/CSE1/WAIT
RESET
JN / NM PACKAGE
( TOP VIEW )
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
B5
B6
B7
C0
MC
C1
C2
VSS1
C3
C4
C5
C6
C7
AN0
A0
A1
A2
A3
A4
A5
A6
A7
T2AEVT
T2AIC2 / PWM
T2AIC1 / CR
SCICLK
SCIRXD
SCITXD
XTAL2 / CLKIN
XTAL1
VCC1
VCC3
B4
B3
B2
B1
B0
D0 / CSE2 / OCF
VSS1
VCC1
D1 / CSH3
D3 / SYSCLK
D4 /R /W
D6 / CSH1 / EDS
D7 / CSE1 /WAIT
RESET
INT1
INT2
INT3
SPISOMI
SPISIMO
SPICLK
T1IC / CR
T1PWM
AN7
T1EVT
VSS1
AN6
AN5
AN4
AN3
AN1
AN2
VSS3


Similar Part No. - TMS370

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS370 TI-TMS370 Datasheet
31Kb / 1P
RADIO FREQUENCY I DENTIFICATION SYSTEMS
TMS370 TI-TMS370 Datasheet
715Kb / 49P
8-BIT MICROCONTROLLER
TMS370 TI-TMS370 Datasheet
732Kb / 50P
8-BIT MICROCONTROLLER
TMS370 TI-TMS370 Datasheet
868Kb / 60P
8-BIT MICROCONTROLLER
TMS370 TI-TMS370 Datasheet
638Kb / 43P
8-BIT MICROCONTROLLER
More results

Similar Description - TMS370

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP88CH41UG TOSHIBA-TMP88CH41UG Datasheet
1Mb / 186P
8 Bit Microcontroller
TMP88CS43FG TOSHIBA-TMP88CS43FG Datasheet
2Mb / 218P
8 Bit Microcontroller
TMP86P202PG TOSHIBA-TMP86P202PG Datasheet
1Mb / 108P
8 Bit Microcontroller
TMP86FS49BUG TOSHIBA-TMP86FS49BUG Datasheet
2Mb / 294P
8 Bit Microcontroller
TMP86CH47IUG TOSHIBA-TMP86CH47IUG Datasheet
1Mb / 160P
8 Bit Microcontroller
TMP86CM23AUG TOSHIBA-TMP86CM23AUG Datasheet
2Mb / 204P
8 Bit Microcontroller
TMP86CS44UG TOSHIBA-TMP86CS44UG Datasheet
1Mb / 172P
8 Bit Microcontroller
TMP86CS49UG TOSHIBA-TMP86CS49UG Datasheet
2Mb / 252P
8 Bit Microcontroller
TMP86FH46ANG TOSHIBA-TMP86FH46ANG Datasheet
2Mb / 214P
8 Bit Microcontroller
TMP86FS23UG TOSHIBA-TMP86FS23UG Datasheet
1Mb / 252P
8 Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com