Electronic Components Datasheet Search
  English  ▼

X  

TMS370 Datasheet(PDF) 3 Page - Texas Instruments

Part # TMS370
Description  8-BIT MICROCONTROLLER
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS370 Datasheet(HTML) 3 Page - Texas Instruments

  TMS370 Datasheet HTML 1Page - Texas Instruments TMS370 Datasheet HTML 2Page - Texas Instruments TMS370 Datasheet HTML 3Page - Texas Instruments TMS370 Datasheet HTML 4Page - Texas Instruments TMS370 Datasheet HTML 5Page - Texas Instruments TMS370 Datasheet HTML 6Page - Texas Instruments TMS370 Datasheet HTML 7Page - Texas Instruments TMS370 Datasheet HTML 8Page - Texas Instruments TMS370 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 77 page
background image
TMS370Cx5x
8-BIT MICROCONTROLLER
SPNS010F – DECEMBER 1986 – REVISED FEBRUARY 1997
3
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
Pin Descriptions (Continued)
PIN
†
‡
NAME
ALTERNATE
FUNCTION
SDIP
(64)
LCC
(68)
I/O†
DESCRIPTION‡
VSS1
8,
58,40
9
Ground reference for digital logic
VSS2
—
16,62
Ground reference for digital I / O logic
FUNCTION
Single-chip mode: Port D is a general-purpose bidirectional I / O port. Each of
the port D pins can be individually configured as a general-purpose I / O pin,
primary memory control signal (function A) or secondary memory control
A
B
primary memory control signal (function A), or secondary memory control
signal (function B). All chip selects are independent and can be used for
memory bank switching. Refer to Table 1 for function A memory accesses.
D0
CSE2
OCF
59
64
I / O pin A: Chip select eighth output 2 goes low during memory accesses
I / O pin B: Opcode fetch goes low during the opcode fetch memory cycle.
D1
CSH3
—
56
60
I / O pin A: Chip select half output 3 goes low during memory accesses.
I / O pin B: Reserved
D2
CSH2
—
—
59
I / O pin A: Chip select half output 2 goes low during memory accesses.
I / O pin B: Reserved
D3
SYSCLK
SYSCLK
55
58
I / O pin A, B: Internal clock signal is 1 / 1 (PLL) or 1 / 4 XTAL2 / CLKIN frequency.
D4
R/W
R/W
54
57
I/O
I / O pin A, B: Read / write output pin
D5
CSPF
—
—
56
I/O
I / O pin A: Chip select peripheral output for peripheral file goes low during
memory accesses.
I / O pin B: Reserved
D6
CSH1
EDS
53
55
I / O pin A: Chip select half output 1 goes low during memory accesses.
I / O pin B: External data strobe output goes low during memory accesses from
external memory and has the same timings as the five chip selects.
D7
CSE1
WAIT
52
54
I / O pin A: Chip select eighth output goes low during memory accesses.
I / O pin B: Wait input pin extends bus signals.
SCITXD
SCIRXD
SCICLK
SCIIO1
SCIIO2
SCIIO3
28
27
26
30
29
28
I/O
SCI transmit data output pin / general-purpose bidirectional pin (see Note 1)
SCI receive data input pin / general-purpose bidirectional pin
SCI bidirectional serial clock pin / general-purpose bidirectional pin
T1IC / CR
T1PWM
T1EVT
T1IO1
T1IO2
T1IO3
44
43
41
46
45
44
I/O
Timer1 input capture / counter reset input pin / general-purpose bidirectional
pin
Timer1 pulse-width-modulation (PWM) output pin / general-purpose
bidirectional pin
Timer1 external event input pin / general-purpose bidirectional pin
T2AIC1 / CR
T2AIC2 / PWM
T2AEVT
T2AIO1
T2AIO2
T2AIO3
25
24
23
27
26
25
I/O
Timer2A input capture 1 / counter reset input pin / general-purpose bidirectional
pin
Timer2A input capture 2 / PWM output pin / general-purpose bidirectional pin
Timer2A external event input pin / general-purpose bidirectional pin
SPISOMI
SPISIMO
SPICLK
SPIIO1
SPIIO2
SPIIO3
47
46
45
49
48
47
I/O
SPI slave output pin, master input pin / general-purpose bidirectional pin
SPI slave input pin, master output pin / general-purpose bidirectional pin
SPI bidirectional serial clock pin / general-purpose bidirectional pin
† I = input, O = output
‡ Ports A, B, C, and D can be configured only as general-purpose I/O pins. Port D3 also can be configured as SYSCLK.
NOTE 1: The three-pin configuration SCI is referred to as SCI1.
Table 1. Function A: Memory Accesses Locations for ‘x5x Devices
FUNCTION A
‘X50, ‘X52, ‘X53, AND ‘X56
‘X58
‘X59
CSEx
2000h – 3FFFh (8K bytes)
A000h – BFFFh (8K bytes)
E000h – EFFFh (4K bytes)
CSHx
8000h – FFFFh (32K bytes)
C000h – FFFFh (16K bytes)
F000h – FFFFh (4K bytes)
CSPF
10C0h – 10FFh (64 bytes)
10C0h – 10FFh (64 bytes)
10C0h – 10FFh (64 bytes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com